Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLI4970-D025T4 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLI4970-D025T4
Description  High precision miniature coreless magnetic current sensor for AC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLI4970-D025T4 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLI4970-D025T4 Datasheet HTML 4Page - Infineon Technologies AG TLI4970-D025T4 Datasheet HTML 5Page - Infineon Technologies AG TLI4970-D025T4 Datasheet HTML 6Page - Infineon Technologies AG TLI4970-D025T4 Datasheet HTML 7Page - Infineon Technologies AG TLI4970-D025T4 Datasheet HTML 8Page - Infineon Technologies AG TLI4970-D025T4 Datasheet HTML 9Page - Infineon Technologies AG TLI4970-D025T4 Datasheet HTML 10Page - Infineon Technologies AG TLI4970-D025T4 Datasheet HTML 11Page - Infineon Technologies AG TLI4970-D025T4 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TLI4970-D025T4
Product Description
Data Sheet
8
Rev. 1.0, 2015-07-02
1.3
General Information
The TLI4970-D025T4 is a high-precision digital current sensor. The full scale measurement range is ±25 A. The
sensor is based on Infineon's well-established and robust Hall technology.
The measurement principle allows galvanic isolation (functional isolation) between the primary conductor and the
secondary interface side.
The coreless concept without a flux concentrator allows significant miniaturization. It shows no hysteresis effects
and has enhanced linearity and over current capability compared to existing solutions. The differential
measurement principle achieves best-in-class suppression of magnetic stray fields. The sensor is fully calibrated;
no need for any additional calibration after PCB assembly is necessary. Thus, the overall implementation effort
and costs are significantly reduced. It is a plug-and-play solution, easy to use in industrial and consumer
applications.
The accuracy of the TLI4970-D025T4 is comparable to closed-loop current measurement systems and even better
than open-loop systems with magnetic core. But in comparison to the open- and closed-loop system the TLI4970-
D025T4 enables a significantly smaller footprint and less power consumption.
Infineon's patented stress compensation circuit provides outstanding long-term stability of the output signal.
Proprietary dynamic offset cancellation techniques guarantee particularly low zero point error. Hereby, the
TLI4970-D025T4 offers superior performance.
The TLI4970-D025T4 is based on a digital concept. Thus, signal processing, compensation and calibration is
already integrated. No further external measurements for compensation are needed.
The sensor is provided in a small 7 mm x 7 mm SMD package.
1.4
Target Applications
The TLI4970-D025T4 is suitable for AC as well as DC current measurement applications:
Current monitoring
Chargers
Photovoltaic & general purpose inverters
Power supplies (SMPS)
Electrical drive
•etc.
With its implemented magnetic interference suppression, it is extremely robust when exposed to external magnetic
fields. It is also suitable for fast over current detection with a configurable threshold level. This allows the control
unit to switch off and protect the affected system from damage, independently of the main measurement path.


Similar Part No. - TLI4970-D025T4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLI4970-D025T5 INFINEON-TLI4970-D025T5 Datasheet
2Mb / 29P
   Miniature coreless magnetic current sensor for AC
Rev. 1.0, 2015-07-02
TLI4970-D025T5 INFINEON-TLI4970-D025T5_15 Datasheet
2Mb / 29P
   Miniature coreless magnetic current sensor for AC
Rev. 1.0, 2015-07-02
More results

Similar Description - TLI4970-D025T4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLI4970-D050T4 INFINEON-TLI4970-D050T4 Datasheet
2Mb / 29P
   High precision miniature coreless magnetic current sensor for AC
Rev. 1.0, 2014-11-21
TLI4970-D025T5 INFINEON-TLI4970-D025T5_15 Datasheet
2Mb / 29P
   Miniature coreless magnetic current sensor for AC
Rev. 1.0, 2015-07-02
TLI4970-D050T5 INFINEON-TLI4970-D050T5_15 Datasheet
2Mb / 29P
   Miniature coreless magnetic current sensor for AC
Rev. 1.0, 2015-07-02
TLI4970-D050T5 INFINEON-TLI4970-D050T5_16 Datasheet
2Mb / 31P
   Miniature coreless magnetic current sensor for AC and DC measurements
Rev. 1.1, 2016-06-17
TLE4972-AE35D5 INFINEON-TLE4972-AE35D5 Datasheet
690Kb / 20P
   TLE4972 high precision coreless current sensor for automotive applications
Rev. 1.01 29-09-2021
TLE4972-AE35S5 INFINEON-TLE4972-AE35S5 Datasheet
798Kb / 20P
   TLE4972 high precision coreless current sensor for automotive applications
Rev. 1.01 29-09-2021
logo
Asahi Kasei Microsystem...
CQ-3203 AKM-CQ-3203 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-3202 AKM-CQ-3202 Datasheet
620Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330E AKM-CQ-330E Datasheet
557Kb / 19P
   High-Speed Response Coreless Current Sensor
CQ-330A AKM-CQ-330A Datasheet
553Kb / 19P
   High-Speed Response Coreless Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com