Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4961-3T Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLV4961-3T
Description  High Precision Hall Effect Latch for Consumer Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLV4961-3T Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLV4961-3T Datasheet HTML 2Page - Infineon Technologies AG TLV4961-3T Datasheet HTML 3Page - Infineon Technologies AG TLV4961-3T Datasheet HTML 4Page - Infineon Technologies AG TLV4961-3T Datasheet HTML 5Page - Infineon Technologies AG TLV4961-3T Datasheet HTML 6Page - Infineon Technologies AG TLV4961-3T Datasheet HTML 7Page - Infineon Technologies AG TLV4961-3T Datasheet HTML 8Page - Infineon Technologies AG TLV4961-3T Datasheet HTML 9Page - Infineon Technologies AG TLV4961-3T Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Data Sheet
6
Revision 1.0, 2015-05-18
TLV4961-3T
Functional Description
2
Functional Description
2.1
General
The TLV4961-3T is an integrated Hall effect designed specifically for highly accurate applications with
superior supply voltage capability, and temperature stability of the magnetic thresholds.
2.2
Pin Configuration (top view)
Figure 2
Pin Configuration and Center of Sensitive Area
2.3
Pin Description
Table 2
Pin Description
Pin No.
Symbol
Function
1
VDD
Supply voltage
2GND
GND
3Q
Output
1
VDD
2
GND
3
Q


Similar Part No. - TLV4961-3T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4961-1T INFINEON-TLV4961-1T Datasheet
719Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-19
TLV4961-1T INFINEON-TLV4961-1T_15 Datasheet
719Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-19
More results

Similar Description - TLV4961-3T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4961-1T INFINEON-TLV4961-1T_15 Datasheet
719Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-19
TLV4968-1T INFINEON-TLV4968-1T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4964-5T INFINEON-TLV4964-5T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Switch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4964-4T INFINEON-TLV4964-4T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Switch for Consumer Applications
Revision 1.0, 2015-05-18
TLI4963-2M INFINEON-TLI4963-2M_16 Datasheet
672Kb / 17P
   High Precision Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-11
TLI4963-1M INFINEON-TLI4963-1M_16 Datasheet
673Kb / 17P
   High Precision Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-11
TLI4946 INFINEON-TLI4946 Datasheet
468Kb / 17P
   High Precision Hall Effect Latches for Industrial and Consumer Applications
2009-05-04
TLI4906 INFINEON-TLI4906 Datasheet
458Kb / 17P
   High Precision Hall Effect Switches for Industrial and Consumer Applications
May 2009 Rev. 1.0
logo
Allegro MicroSystems
APS13295 ALLEGRO-APS13295 Datasheet
656Kb / 14P
   Precision Hall-Effect Switch for Consumer and Industrial Applications
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
   Precision Hall-Effect Latches for Consumer and Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com