Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4964-4T Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLV4964-4T
Description  High Precision Hall Effect Switch for Consumer Applications
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLV4964-4T Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLV4964-4T Datasheet HTML 1Page - Infineon Technologies AG TLV4964-4T Datasheet HTML 2Page - Infineon Technologies AG TLV4964-4T Datasheet HTML 3Page - Infineon Technologies AG TLV4964-4T Datasheet HTML 4Page - Infineon Technologies AG TLV4964-4T Datasheet HTML 5Page - Infineon Technologies AG TLV4964-4T Datasheet HTML 6Page - Infineon Technologies AG TLV4964-4T Datasheet HTML 7Page - Infineon Technologies AG TLV4964-4T Datasheet HTML 8Page - Infineon Technologies AG TLV4964-4T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Data Sheet
5
Revision 1.0, 2015-05-18
TLV4964-4T
Product Description
1
Product Description
1)
1.1
Overview
Figure 1
Image of TLV4964-4T TO92S-3-1 TO92S-3-2
1.2
Features
• 3.0 V to 26 V operating supply voltage
• Operation from unregulated power supply
• Output overcurrent & overtemperature protection
• Active error compensation
• High stability of magnetic thresholds
• High ESD performance
• Leaded, halogen-free package TO92S-3-1 for TLV4964-4TA, TO92S-3-2 for TLV4964-4TB
1.3
Target Applications
Target applications for the TLV496x Hall switch family are all applications which require a high precision Hall
Switch with an operating temperature range from -40 °C to 125 °C.
The TLV4964-4T is a unipolar switch with a typical operating point
BOP = 10 mT and a hysteresis of
BHYS = 1.5 mT. It is ideally suited for various position detection applications.
For automotive applications please refer to the Infineon TLE Hall Switches series.
1) Only the package is halogen-free.
Characteristic
Supply Voltage
Supply Current
Sensitivity
Interface
Temperature
TA
Hall Effect
Switch
3.0~26 V
1.6 mA
BOP:10mT
BRP:8.5 mT
Open Drain
Output
-40 °C to 125 °C
Table 1
Ordering Information
Product Name
Product Type
Ordering Code
Package
TLV4964-4TA
Hall Switch
SP001274780
TO92S-3-1 (Bulk)
TLV4964-4TB
Hall Switch
SP001283600
TO92S-3-2 (Ammo pack)


Similar Part No. - TLV4964-4T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4964-5T INFINEON-TLV4964-5T Datasheet
723Kb / 19P
   High Precision Hall Effect Switch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4964-5T INFINEON-TLV4964-5T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Switch for Consumer Applications
Revision 1.0, 2015-05-18
More results

Similar Description - TLV4964-4T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4964-5T INFINEON-TLV4964-5T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Switch for Consumer Applications
Revision 1.0, 2015-05-18
logo
Allegro MicroSystems
APS13295 ALLEGRO-APS13295 Datasheet
656Kb / 14P
   Precision Hall-Effect Switch for Consumer and Industrial Applications
logo
Infineon Technologies A...
TLV4961-1T INFINEON-TLV4961-1T_15 Datasheet
719Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-19
TLV4968-1T INFINEON-TLV4968-1T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4961-3T INFINEON-TLV4961-3T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
logo
Allegro MicroSystems
A3295KUA-T ALLEGRO-A3295KUA-T Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
A3295 ALLEGRO-A3295_16 Datasheet
518Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
logo
Infineon Technologies A...
TLI4946 INFINEON-TLI4946 Datasheet
468Kb / 17P
   High Precision Hall Effect Latches for Industrial and Consumer Applications
2009-05-04
TLI4906 INFINEON-TLI4906 Datasheet
458Kb / 17P
   High Precision Hall Effect Switches for Industrial and Consumer Applications
May 2009 Rev. 1.0
logo
Allegro MicroSystems
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
   Precision Hall-Effect Latches for Consumer and Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com