Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-9600MG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPM-9600MG
Description  Multirate Multi-Mode Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-9600MG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPM-9600MG_15 Datasheet HTML 1Page - Optoway Technology Inc SPM-9600MG_15 Datasheet HTML 2Page - Optoway Technology Inc SPM-9600MG_15 Datasheet HTML 3Page - Optoway Technology Inc SPM-9600MG_15 Datasheet HTML 4Page - Optoway Technology Inc SPM-9600MG_15 Datasheet HTML 5Page - Optoway Technology Inc SPM-9600MG_15 Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPM-9600MG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V1.0
1
SPM-9600MG / SPM-9600BMG / SPM-9600AMG
(SC BIDI SFP)
(RoHS Compliant)
SPM-9600MLG / SPM-9600BMLG / SPM-9600AMLG
(LC BIDI SFP)
1310 nm TX / 1550 nm RX , 3.3V / Multirate Multi-Mode Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Simplex SC Connector: SPM-9600MG
l Simplex LC Connector: SPM-9600MLG
l Up to 2.67 Gb/s bi-directional data links
l Multirate for SONET OC-48 / SDH STM-16, Fibre
Channel 1x/2x, and 1000BASE
l 1310 nm LD Transmitter
l 1550 nm Receiver
l 300 m link for Multi-mode Fiber
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l 0 to 70oC Operation: SPM-9600MG
l -10 to 85oC Operation: SPM-9600BMG
l -40 to 85oC Operation: SPM-9600AMG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM OC-48 / STM-16 Links
l Gigabit Ethernet Interconnect
l Fibre Channel Links
DESCRIPTION
The SPM-9600MG series is high performance multi-mode
module for OC-48 / STM-16 and Gigabit Ethernet
1000BASE fiber communications by using 1310 nm
transmitter and 1550 nm receiver. It is with the SFP 20-pin
connector to allow hot plug capability.
The transmitter
section uses a multiple quantum well 1310 nm laser and is
a class 1 laser compliant according to International Safety
Standard IEC 60825. The receiver section uses an integrated
1550 nm detector preamplifier (IDP) mounted in an optical
header and a limiting post-amplifier IC.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(m)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX
Power
(dBm)
RX
Sens.
(dBm)
RoHS
Compliant
SPM-9600MWG
Multirate*
300
1310
1550
SC SFP with DMI
0 to 70
0 to -9
-15
Yes
SPM-9600BMWG
Multirate*
300
1310
1550
SC SFP with DMI -10 to 85
0 to -9
-15
Yes
SPM-9600AMWG
Multirate*
300
1310
1550
SC SFP with DMI -40 to 85
0 to -9
-15
Yes
SPM-9600MLWG
Multirate*
300
1310
1550
LC SFP with DMI
0 to 70
0 to -9
-15
Yes
SPM-9600BMLWG
Multirate*
300
1310
1550
LC SFP with DMI -10 to 85
0 to -9
-15
Yes
SPM-9600AMLWG
Multirate*
300
1310
1550
LC SFP with DMI -40 to 85
0 to -9
-15
Yes
Multirate*: 2.67 Gb/s / OC-48 / 2X FC / GbE / 1X FC / OC-12 / OC-3.


Similar Part No. - SPM-9600MG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9600MG_2015 OPTOWAY-SPM-9600MG_2015 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
More results

Similar Description - SPM-9600MG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-9600MG_2015 OPTOWAY-SPM-9600MG_2015 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-9700MG_2015 OPTOWAY-SPM-9700MG_2015 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-9700MG OPTOWAY-SPM-9700MG_15 Datasheet
177Kb / 6P
   Multirate Multi-Mode Single-Fiber SFP Transceiver
SPM-9700MWG_2015 OPTOWAY-SPM-9700MWG_2015 Datasheet
177Kb / 6P
   Multirate Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPM-9700MWG OPTOWAY-SPM-9700MWG_15 Datasheet
177Kb / 6P
   Multirate Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPM-9600MWG OPTOWAY-SPM-9600MWG_15 Datasheet
177Kb / 6P
   Multirate Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPM-9600MWG_2015 OPTOWAY-SPM-9600MWG_2015 Datasheet
177Kb / 6P
   Multirate Digital Diagnostic Multi-Mode Single-Fiber SFP Transceiver
SPB-9905MG_2015 OPTOWAY-SPB-9905MG_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9920MG_2015 OPTOWAY-SPB-9920MG_2015 Datasheet
177Kb / 6P
   Multirate Single-Fiber SFP Transceiver
SPB-9940MG_2015 OPTOWAY-SPB-9940MG_2015 Datasheet
178Kb / 6P
   Multirate Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com