Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD4002BG-S14-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UCD4002BG-S14-T
Description  CMOS NOR Gates High-Voltage Types
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4002BG-S14-T Datasheet(HTML) 5 Page - Unisonic Technologies

  UCD4002BG-S14-T Datasheet HTML 1Page - Unisonic Technologies UCD4002BG-S14-T Datasheet HTML 2Page - Unisonic Technologies UCD4002BG-S14-T Datasheet HTML 3Page - Unisonic Technologies UCD4002BG-S14-T Datasheet HTML 4Page - Unisonic Technologies UCD4002BG-S14-T Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UCD4002B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-873.b
TEST CIRCUIT AND WAVEFORMS
Output
CL
50pF
50%
50%
90%
50%
VDD
0V
VOH
VOL
VO
RL
200kΩ
10%
50%
10%
90%
tPLH
tPHL
tTHL
tTLH
VI
Note: CL includes probe and jig capacitance.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UCD4002BG-S14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4002BG-S14-T UTC-UCD4002BG-S14-T Datasheet
164Kb / 5P
   CMOS NOR Gates High-Voltage Types
More results

Similar Description - UCD4002BG-S14-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4002B UTC-UCD4002B Datasheet
164Kb / 5P
   CMOS NOR Gates High-Voltage Types
logo
Texas Instruments
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
[Old version datasheet]   CMOS NOR Gates
CD4001B TI-CD4001B Datasheet
206Kb / 5P
[Old version datasheet]   CMOS NOR Gates
CD4001B TI-CD4001B_12 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001BME4 TI-CD4001BME4 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001B TI1-CD4001B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS NOR Gates
logo
Microsemi Corporation
TSC306 MICROSEMI-TSC306 Datasheet
672Kb / 2P
   NOR Gates
logo
List of Unclassifed Man...
SP314 ETC-SP314 Datasheet
157Kb / 3P
   NOR GATES
logo
Texas Instruments
CD4089B TI-CD4089B_V01 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Binary Rate Multiplier High-Voltage Types
July 2003
logo
Renesas Technology Corp
CD4070BMS RENESAS-CD4070BMS Datasheet
336Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com