Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54406IRTZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL54406IRTZ
Description  Stereo Click and Pop Eliminator with Audio Muting
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54406IRTZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL54406IRTZ Datasheet HTML 2Page - Intersil Corporation ISL54406IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54406IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54406IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54406IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54406IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54406IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54406IRTZ Datasheet HTML 9Page - Intersil Corporation ISL54406IRTZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ISL54406
6
FN6578.1
July 14, 2010
Input High Current, ISEL2H,
ISEL1H
VDD = 3.6V, VSEL2 = 3.6V, VSEL1 = 3.6V
Full
-2
1
2
µA
SEL1 Pull-Down Resistor,
RSEL1
VDD = 3.6V, VSEL2 = 3.6V, VSEL1 = 0V
Full
-
4
-
SEL2 Pull-Down Resistor,
RSEL2
VDD = 3.6V, VSEL2 = 0V, VSEL1 = 3.6V
Full
-
4
-
NOTES:
11. VSELx = Input voltage to perform proper function.
12. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this
data sheet.
13. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established
by characterization and are not production tested.
14. Flatness is defined as the difference between maximum and minimum value of ON-resistance over the specified analog signal
range.
15. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel
with lowest max rON value.
16. Limits established by characterization and are not production tested.
17. Click and Pop Reduction specifications are limited by test equipment.
Test Circuits and Waveforms
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VSELx_H = 1.4V,
VSELx_L= 0.5V, (Notes 11), Unless Otherwise Specified (Continued)
Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 12, 13) TYP
MAX
(Notes 12, 13) UNITS
50%
tr < 20ns
tf < 20ns
tOFF
90%
VSEL2H
0V
VINPUT
VSEL2L
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
VOUT
V(INPUT)
RL
RL rON
+
------------------------
=
SWITCH
INPUT
VSEL2
VLOUT/ROUT
RL
CL
OUT
IN
50
Ω
10pF
VDD
SEL1
VLIN/RIN
0.1µF
GND
SEL2


Similar Part No. - ISL54406IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54406IRTZ INTERSIL-ISL54406IRTZ Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Renesas Technology Corp
ISL54406IRTZ RENESAS-ISL54406IRTZ Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Intersil Corporation
ISL54406IRTZ-T INTERSIL-ISL54406IRTZ-T Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Renesas Technology Corp
ISL54406IRTZ-T RENESAS-ISL54406IRTZ-T Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
More results

Similar Description - ISL54406IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Renesas Technology Corp
ISL54406 RENESAS-ISL54406 Datasheet
946Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892 Datasheet
202Kb / 9P
   Shunt Mode Audio Click-and-Pop Eliminator
Rev 0; 10/08
logo
Anpec Electronics Corop...
APA2192 ANPEC-APA2192 Datasheet
246Kb / 14P
   Shut Mode Audio Click-and-Pop Eliminator
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892_V01 Datasheet
812Kb / 7P
   Shunt Mode Audio Click-and-Pop Eliminator
19-4295; Rev 1; 12/16
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
MAX9890 MAXIM-MAX9890_V01 Datasheet
1Mb / 12P
   Audio Click-Pop Suppressor
19-2932; Rev 4; 5/17
logo
Will Semiconductor Ltd.
WSP6582C WILLSEMI-WSP6582C Datasheet
814Kb / 9P
   SwitchPro Family High Fidelity Stereo SPDT Switch with Pop and Click Suppression
logo
Intersil Corporation
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com