Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55100AIRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL55100AIRZ
Description  Quad 18V Pin Electronics Driver/Window Comparator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55100AIRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL55100AIRZ Datasheet HTML 1Page - Intersil Corporation ISL55100AIRZ Datasheet HTML 2Page - Intersil Corporation ISL55100AIRZ Datasheet HTML 3Page - Intersil Corporation ISL55100AIRZ Datasheet HTML 4Page - Intersil Corporation ISL55100AIRZ Datasheet HTML 5Page - Intersil Corporation ISL55100AIRZ Datasheet HTML 6Page - Intersil Corporation ISL55100AIRZ Datasheet HTML 7Page - Intersil Corporation ISL55100AIRZ Datasheet HTML 8Page - Intersil Corporation ISL55100AIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ISL55100A
4
FN7486.3
December 4, 2014
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
VCC to VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 19V
VEXT to VEE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
Input Voltages
DATA, DRV EN, CVX, VH, VL, VINP, COMPX, LOWSWING
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (VEE - 0.5V) to (VCC + 0.5V)
Output Voltages
DOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (VEE - 0.5V) to (VH + 0.5V)
QX . . . . . . . . . . . . . . . . . . . . . (COMP LOW - 0.5V) to (COMP HIGH + 0.5V)
Thermal Resistance (Typical, Notes 4, 5)
JA (°C/W) JC (°C/W)
72 Ld QFN Package . . . . . . . . . . . . . . . . . . . 23
2.0
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
6. Device temperature is closely tied to data-rates, driver loads and overall pin activity. Review “Power Dissipation Considerations” on page 9 for more
information.
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
(Note 13)TYP
MAX
(Note 13)UNITS
Device Power-(VEXT = VEE) VEXT Not Used
VCC - VEE
12 (Note 10)15
18
V
Device Power-(VEXT = VEE + 5.5V)
VCC - VEE
9 (Note 10)15
18
V
VEXT Optional External Logic Power
VEXT - VEE
5.5 (Note 10)
5.75
6.0
V
Driver Output High Rail
VH
VEE + 1
-
VCC - 0.5
V
Driver Output Low Rail
VL
VEE + 0.5
-
VEE + 6
V
Comparator Output High Rail
COMP-High
VEE + 1
-
VCC - 0.5
V
Comparator Output Low Rail
COMP-Low
VEE + 0.5
-
VEE + 6
V
Ambient Temperature
TA
-40
-
+85
°C
Junction Temperature
TJ
-
-
+150
°C
Electrical Specifications
Test Conditions: VCC = 12V, VEE = -3V, VH = 6V, VL = 0V, Comp-High = 5V, Comp-Low = 0V, V5V = VEE and
LOWSWING = VCC.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER DC CHARACTERISTICS
ISL55100A Output Resistance
ROUTD
IO = ±200mA, data not toggling
3
4.5
7.0
Ω
ISL55100A DC Output Current
IOUTD
Per Individual driver
±200
-
-
mA
ISL55100A AC Output Current (Note 6)IOUTDAC
Per Individual driver
-
1.0
-
A
ISL55100A Minimum Output Swing
VOMIN
VH = 200mV, VL = 0V
185
-
-
mV
Disabled HIZ Leakage Current
HIZ
VOUT = VCC with VH = VL + VEE or VOUT = VEE
with VH = VL = VCC
-1
0
1
µA
DRIVER TIMING CHARACTERISTICS
Data
 to DOUT Propagation Delay
tPD
Lowswing Disabled (Note 9)8
12
16
ns
Lowswing Enabled (Note 9)9
13
17
ns
Driver Timing Skew, All Edges (Note 7)
-
<1
-
ns
Disable (HIZ) Time
tDIS
DVREN
 Transition from Enable to Disable
16
18
26
ns


Similar Part No. - ISL55100AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
520Kb / 13P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
497Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Renesas Technology Corp
ISL55100AIRZ RENESAS-ISL55100AIRZ Datasheet
886Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
More results

Similar Description - ISL55100AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL5100A INTERSIL-ISL5100A Datasheet
520Kb / 13P
   Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B INTERSIL-ISL55100B Datasheet
462Kb / 14P
   Quad 18V Pin Electronics Driver/Window Comparator
logo
Semtech Corporation
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
   Octal 18V Pin Electronics Driver/window Comparator
EDGE818 SEMTECH-EDGE818 Datasheet
126Kb / 15P
   Octal 18V Pin Electronics Driver/window Comparator
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
E646ATF SEMTECH-E646ATF Datasheet
135Kb / 13P
   Pin Electronics Driver, Window Comparator, and Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com