Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59420IUZ-T13 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL59420IUZ-T13
Description  400MHz Multiplexing Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59420IUZ-T13 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL59420IUZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 11Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 12Page - Intersil Corporation ISL59420IUZ-T13 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ISL59420
11
FN7459.2
July 3, 2012
Limiting the Output Current
No output short circuit current limit exists on this part. All
applications need to limit the output current to less than 50mA.
Adequate thermal heat sinking of the parts is also required.
PC Board Layout
The frequency response of this circuit depends greatly on the
care taken in designing the PC board. The following are
recommendations to achieve optimum high frequency
performance from your PC board.
• The use of low inductance components such as chip resistors
and chip capacitors is strongly recommended.
• Minimize signal trace lengths. Trace inductance and
capacitance can easily limit circuit performance. Avoid sharp
corners, use rounded corners when possible. Vias in the signal
lines add inductance at high frequency and should be avoided.
PCB traces greater than 1" begin to exhibit transmission line
characteristics with signal rise/fall times of 1ns or less. High
frequency performance may be degraded for traces greater
than one inch, unless strip lines are used.
• Match channel-channel analog I/O trace lengths and layout
symmetry. This will minimize propagation delay mismatches.
• Maximize use of AC de-coupled PCB layers. All signal I/O lines
should be routed over continuous ground planes (i.e. no split
planes or PCB gaps under these lines). Avoid vias in the signal
I/O lines.
• Use proper value and location of termination resistors.
Termination resistors should be as close to the device as
possible.
• When testing use good quality connectors and cables,
matching cable types and keeping cable lengths to a
minimum.
• Minimum of 2 power supply de-coupling capacitors are
recommended (1000pF, 0.01µF) as close to the device as
possible. Avoid vias between the cap and the device because
vias add unwanted inductance. Larger caps can be farther
away. When vias are required in a layout, they should be routed
as far away from the device as possible.
V+
V+
V-
V-
V+
V-
V+
V-
LOGIC
CONTROL
GND
IN0
IN1
S0
OUT
EXTERNAL
CIRCUITS
SCHOTTKY
PROTECTION
V+
V-
POWER
GND
SIGNAL
LOGIC
V+ SUPPLY
V- SUPPLY
DE-COUPLING
CAPS
FIGURE 27. SCHOTTKY PROTECTION CIRCUIT


Similar Part No. - ISL59420IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59420IUZ-T13 INTERSIL-ISL59420IUZ-T13 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420IUZ-T13 RENESAS-ISL59420IUZ-T13 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
More results

Similar Description - ISL59420IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
   HIGH EFFICIENCY 400MHZ AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com