Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59424IRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL59424IRZ
Description  1GHz Triple Multiplexing Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59424IRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL59424IRZ Datasheet HTML 1Page - Intersil Corporation ISL59424IRZ Datasheet HTML 2Page - Intersil Corporation ISL59424IRZ Datasheet HTML 3Page - Intersil Corporation ISL59424IRZ Datasheet HTML 4Page - Intersil Corporation ISL59424IRZ Datasheet HTML 5Page - Intersil Corporation ISL59424IRZ Datasheet HTML 6Page - Intersil Corporation ISL59424IRZ Datasheet HTML 7Page - Intersil Corporation ISL59424IRZ Datasheet HTML 8Page - Intersil Corporation ISL59424IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN7456.3
September 30, 2011
ISO
Channel Isolation (ISL59424)
f = 10MHz, CL = 0.5pF, VIN = -6dBm
-
80
-
dB
Channel Isolation (ISL59445)
-
75
-
dB
Xtalk
Channel Cross Talk (ISL59424)
f = 10MHz, CL = 0.5pF, VIN = -6dBm
-
75
-
dB
Channel Cross Talk (ISL59445)
-
70
-
-
dG
Differential Gain Error
NTC-7, RL = 150, CL = 0.5pF
-
0.02
-
%
dP
Differential Phase Error
NTC-7, RL = 150, CL = 0.5pF
-
0.02
-
°
BW
-3dB Bandwidth
CL = 0.5pF
-
1000
-
MHz
FBW
0.1dB Bandwidth
CL = 0.5pF
-
130
-
MHz
0.1dB Bandwidth
CL = 1.5pF
-
200
-
MHz
SWITCHING CHARACTERISTICS
SR
Slew Rate
25% to 75%, RL = 150Ω, Input Enabled,
CL= 1.5pF, VIN = ±1V
-
±1200
-
V/µs
VGLITCH
ISL58424
Channel-to-Channel Switching Glitch
VIN = 0V, CL = 0.5pF
-
40
-
mVP-P
Enable Switching Glitch
VIN = 0V, CL = 0.5pF
-
300
-
mVP-P
HIZ Switching Glitch
VIN = 0V, CL = 0.5pF
-
200
-
mVP-P
VGLITCH
ISL59445
Channel-to-Channel Switching Glitch
VIN = 0V, CL = 0.5pF
-
20
-
mVP-P
Enable Switching Glitch
VIN = 0V, CL = 0.5pF
-
200
-
mVP-P
HIZ Switching Glitch
VIN = 0V, CL = 0.5pF
-
200
-
mVP-P
tSW-L-H
Channel Switching Time Low-to-High
1.2V logic threshold to 10% movement of
analog output
-15-
ns
tSW-H-L
Channel Switching Time High-to-Low
1.2V logic threshold to 10% movement of
analog output
-15-
ns
tr
Rise Time
10% to 90%
-
600
-
ps
tf
Fall Time
10% to 10%
-
800
-
ps
tpd
Propagation Delay
10% to 10%
-
600
-
ps
tS
0.1% Settling Time
Step = 1V
-
6
-
ns
tLH
Latch Enable HoldTime
LE = 0V
-
10
-
ns
Electrical Specifications
V+ = +5V, V- = -5V, GND = 0V, TA = +25°C, VIN = 1VP-P & RL = 500Ω to GND unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified.
FIGURE 1. GAIN vs FREQUENCY vs CL
FIGURE 2. GAIN vs FREQUENCY vs RL
-10
-8
-6
-4
-2
0
2
4
6
8
10
1
10
100
1k
FREQUENCY (MHz)
SOURCE
POWER = -12dBm
CL INCLUDES 0.5pF
BOARD CAPACITANCE
1.2k
CL = 2.7pF
CL = 5.2pF
CL = 3.8pF
CL = 1.5pF
CL = 0.5pF
CL = 8.7pF
-5
-4
-3
-2
-1
0
1
2
3
4
5
1
10
100
1.2k
FREQUENCY (MHz)
RL = 1kΩ
SOURCE
POWER = -12dBm
1k
RL = 100Ω
RL = 500Ω
RL = 150Ω
ISL59424, ISL59445


Similar Part No. - ISL59424IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424IRZ RENESAS-ISL59424IRZ Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ-T13 INTERSIL-ISL59424IRZ-T13 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424IRZ-T13 RENESAS-ISL59424IRZ-T13 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ-T7 INTERSIL-ISL59424IRZ-T7 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
More results

Similar Description - ISL59424IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com