Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59424IRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL59424IRZ
Description  1GHz Triple Multiplexing Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59424IRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL59424IRZ Datasheet HTML 1Page - Intersil Corporation ISL59424IRZ Datasheet HTML 2Page - Intersil Corporation ISL59424IRZ Datasheet HTML 3Page - Intersil Corporation ISL59424IRZ Datasheet HTML 4Page - Intersil Corporation ISL59424IRZ Datasheet HTML 5Page - Intersil Corporation ISL59424IRZ Datasheet HTML 6Page - Intersil Corporation ISL59424IRZ Datasheet HTML 7Page - Intersil Corporation ISL59424IRZ Datasheet HTML 8Page - Intersil Corporation ISL59424IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN7456.3
September 30, 2011
FIGURE 3. 0.1dB GAIN vs FREQUENCY
FIGURE 4. ROUT vs FREQUENCY
FIGURE 5. ISL59424 TRANSIENT RESPONSE
FIGURE 6. ISL59445 TRANSIENT RESPONSE
FIGURE 7. ISL59424 CROSSTALK AND
OFF-ISOLATION
FIGURE 8. ISL59445 CROSSTALK AND
OFF-ISOLATION
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. (Continued)
10
100
1.2k
SOURCE
POWER = -12dBm
-0.7
-0.6
-0.4
-0.3
-0.1
0
0.1
-0.2
-0.5
1
CL = 2.0pF
CL = 0.5pF
0.2
-0.8
1k
CL = 1.5pF
FREQUENCY (MHz)
100
10
1
0.1
0.1
1
10
100
1k
FREQUENCY (MHz)
SOURCE
POWER = -12dBm
ISL59424
ISL59445
TIME (5ns/DIV)
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
CL = 1.5pF
RL = 500Ω
0.8
-0.8
TIME (5ns/DIV)
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
CL = 1.5pF
RL = 500Ω
-0.8
0.8
FREQUENCY (MHz)
-10
-30
-50
0.1
1
10
100
1k
-70
-90
INPUT X TO OUTPUT Y
CROSSTALK
OFF-ISOLATION
INPUT X TO OUTPUT X
0
-20
-40
-60
-80
-100
FREQUENCY (MHz)
-10
-30
-50
0.1
1
10
100
-70
-90
INPUT X TO OUTPUT Y
CROSSTALK
0
-20
-40
-60
-80
-100
1k
OFF-ISOLATION
INPUT X TO OUTPUT X
ISL59424, ISL59445


Similar Part No. - ISL59424IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424IRZ RENESAS-ISL59424IRZ Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ-T13 INTERSIL-ISL59424IRZ-T13 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424IRZ-T13 RENESAS-ISL59424IRZ-T13 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ-T7 INTERSIL-ISL59424IRZ-T7 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
More results

Similar Description - ISL59424IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com