Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62883HRTZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL62883HRTZ
Description  Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62883HRTZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL62883HRTZ Datasheet HTML 1Page - Intersil Corporation ISL62883HRTZ Datasheet HTML 2Page - Intersil Corporation ISL62883HRTZ Datasheet HTML 3Page - Intersil Corporation ISL62883HRTZ Datasheet HTML 4Page - Intersil Corporation ISL62883HRTZ Datasheet HTML 5Page - Intersil Corporation ISL62883HRTZ Datasheet HTML 6Page - Intersil Corporation ISL62883HRTZ Datasheet HTML 7Page - Intersil Corporation ISL62883HRTZ Datasheet HTML 8Page - Intersil Corporation ISL62883HRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
ISL62883, ISL62883B
3
FN6891.4
June 21, 2011
Pin Function Descriptions
GND
Signal common of the IC. Unless otherwise stated, signals are
referenced to the GND pin.
PGOOD
Power-Good open-drain output indicating when the regulator is
able to supply regulated voltage. Pull-up externally with a 680
Ω
resistor to VCCP or 1.9k
Ω to 3.3V.
PSI#
Low load current indicator input. When asserted low, indicates a
reduced load-current condition. For ISL62883, when PSI# is
asserted low, PWM3 will be disabled.
RBIAS
147k resistor to GND sets internal current reference.
VR_TT#
Thermal overload output indicator.
NTC
Thermistor input to VR_TT# circuit.
VW
A resistor from this pin to COMP programs the switching
frequency (8k
Ω gives approximately 300kHz).
COMP
This pin is the output of the error amplifier. Also, a resistor across
this pin and GND adjusts the overcurrent threshold.
FB
This pin is the inverting input of the error amplifier.
ISEN3/FB2
When the ISL62883 is configured in 3-phase mode, this pin is
ISEN3. ISEN3 is the individual current sensing for phase 3. When
the ISL62883 is configured in 2-phase mode, this pin is FB2.
There is a switch between the FB2 pin and the FB pin. The switch
is on in 2-phase mode and is off in 1-phase mode. The
components connecting to FB2 are used to adjust the
compensation in 1-phase mode to achieve optimum
performance.
ISEN2
Individual current sensing for Phase-2. When ISEN2 is pulled to
5V VDD, the controller will disable Phase-2 and allow other
phases to operate.
ISEN1
Individual current sensing for Phase-1.
VSEN
Remote core voltage sense input. Connect to microprocessor die.
RTN
Remote voltage sensing return. Connect to ground at
microprocessor die.
ISUM- and ISUM+
Droop current sense input.
VDD
5V bias power.
VIN
Battery supply voltage, used for feed-forward.
IMON
An analog output. IMON outputs a current proportional to the
regulator output current.
BOOT1
Connect an MLCC capacitor across the BOOT1 and the PHASE1
pins. The boot capacitor is charged through an internal boot
diode connected from the VCCP pin to the BOOT1 pin, each time
the PHASE1 pin drops below VCCP minus the voltage dropped
across the internal boot diode.
UGATE1
Output of the Phase-1 high-side MOSFET gate driver. Connect the
UGATE1 pin to the gate of the Phase-1 high-side MOSFET.
PHASE1
Current return path for the Phase-1 high-side MOSFET gate driver.
Connect the PHASE1 pin to the node consisting of the high-side
MOSFET source, the low-side MOSFET drain, and the output
inductor of Phase-1.
VSSP1
Current return path for the Phase-1 low-side MOSFET gate driver.
Connect the VSSP1 pin to the source of the Phase-1 low-side
MOSFET through a low impedance path, preferably in parallel
with the trace connecting the LGATE1 pin to the gate of the
Phase-1 low-side MOSFET.
LGATE1
Output of the Phase-1 low-side MOSFET gate driver. Connect the
LGATE1 pin to the gate of the Phase-1 low-side MOSFET.
PWM3
PWM output for Channel 3. When PWM3 is pulled to 5V VDD, the
controller will disable Phase-3 and allow other phases to operate.
VCCP
Input voltage bias for the internal gate drivers. Connect +5V to
the VCCP pin. Decouple with at least 1µF of an MLCC capacitor to
VSSP1 and VSSP2 pins respectively.
LGATE2
Output of the Phase-2 low-side MOSFET gate driver. Connect the
LGATE2 pin to the gate of the Phase-2 low-side MOSFET.


Similar Part No. - ISL62883HRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL62883HRTZ INTERSIL-ISL62883HRTZ Datasheet
1Mb / 39P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
ISL62883HRTZ INTERSIL-ISL62883HRTZ Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62883HRTZ RENESAS-ISL62883HRTZ Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
logo
Intersil Corporation
ISL62883HRTZ-T INTERSIL-ISL62883HRTZ-T Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
More results

Similar Description - ISL62883HRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62883 RENESAS-ISL62883 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
logo
Intersil Corporation
ISL62883HRTZ-T INTERSIL-ISL62883HRTZ-T Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
ISL62882IRTZ INTERSIL-ISL62882IRTZ Datasheet
1Mb / 42P
   Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs and GPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
logo
Intersil Corporation
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
ISL62882 INTERSIL-ISL62882 Datasheet
1Mb / 42P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
ISL62883C INTERSIL-ISL62883C Datasheet
1Mb / 43P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62882CHRTZ INTERSIL-ISL62882CHRTZ Datasheet
96Kb / 3P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL6260CCRZ INTERSIL-ISL6260CCRZ Datasheet
690Kb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com