Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78302ARFBZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL78302ARFBZ
Description  Dual LDO with Low Noise, High Performance and Low IQ
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78302ARFBZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL78302ARFBZ Datasheet HTML 1Page - Intersil Corporation ISL78302ARFBZ Datasheet HTML 2Page - Intersil Corporation ISL78302ARFBZ Datasheet HTML 3Page - Intersil Corporation ISL78302ARFBZ Datasheet HTML 4Page - Intersil Corporation ISL78302ARFBZ Datasheet HTML 5Page - Intersil Corporation ISL78302ARFBZ Datasheet HTML 6Page - Intersil Corporation ISL78302ARFBZ Datasheet HTML 7Page - Intersil Corporation ISL78302ARFBZ Datasheet HTML 8Page - Intersil Corporation ISL78302ARFBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ISL78302
3
FN7696.6
November 6, 2014
Submit Document Feedback
Pin Configuration
ISL78302
(10 LD 3x3 DFN)
TOP VIEW
VIN
EN1
EN2
CBYP
CPOR
VO1
VO2
POR2
POR1
GND
2
3
4
1
5
9
8
7
10
6
Pin Descriptions
PIN
NUMBER
PIN
NAME
TYPE
DESCRIPTION
1
VIN
Analog I/O
Supply Voltage/LDO Input. Connect a 1µF capacitor to GND.
2
EN1
Low Voltage Compatible CMOS Input
LDO-1 Enable. ENABLE = HIGH
3
EN2
Low Voltage Compatible CMOS Input
LDO-2 Enable. ENABLE = HIGH
4
CBYP Analog I/O
Reference Bypass Capacitor Pin. Recommended to connect capacitor of value 0.01µF
between this pin and GND for optimum noise and PSRR performance.
5
CPOR Analog I/O
POR2 Delay Setting Capacitor Pin. Connect a capacitor between this pin and GND to delay
the POR2 output release after LDO-2 output reaches 94% of its specified voltage level.
(200ms delay per 0.01µF).
6
GND
Ground
GND is the connection to system ground. Connect to PCB Ground plane.
7POR1 Open-Drain Output (1mA)
Open-drain POR Output for LDO-1 (active-low). Internally connected to VO1 through 100kΩ
resistor.
8POR2 Open-Drain Output (1mA)
Open-drain POR Output for LDO-2 (active-low). Internally connected to VO2 through 100kΩ
resistor.
9VO2
Analog I/O
LDO-2 Output. Connect capacitor of value 1µF to 10µF to GND (1µF recommended).
10
VO1
Analog I/O
LDO-1 Output. Connect capacitor of value 1µF to 10µF to GND (1µF recommended).
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
VO1 VOLTAGE
(V)
VO2 VOLTAGE
(V)
TEMP RANGE
(°C)
PACKAGE
(Pb-Free)
PKG
DWG. #
ISL78302ARFBZ
DNAB
2.5
1.5
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
ISL78302ARBFZ
DNAC
1.5
2.5
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
ISL78302ARNBZ
DNAD
3.3
1.5
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
ISL78302ARBNZ
DNAE
1.5
3.3
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
ISL78302ARNWZ
DNAF
3.3
1.2
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
ISL78302ARWCZ
DNAG
1.2
1.8
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
ISL78302ARFWZ
DNAH
2.5
1.2
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
ISL78302ARCWZ
DNAJ
1.8
1.2
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
ISL78302AR1AZ
DNAV
1.25
3.3
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
NOTES:
1. Add “-T*”suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL78302. For more information on MSL please see techbrief TB363.


Similar Part No. - ISL78302ARFBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78302ARFBZ INTERSIL-ISL78302ARFBZ Datasheet
596Kb / 11P
   Dual LDO with Low Noise, High Performance and Low IQ
logo
Renesas Technology Corp
ISL78302ARFBZ RENESAS-ISL78302ARFBZ Datasheet
743Kb / 13P
   Dual LDO with Low Noise, High Performance and Low IQ
More results

Similar Description - ISL78302ARFBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78302 RENESAS-ISL78302 Datasheet
743Kb / 13P
   Dual LDO with Low Noise, High Performance and Low IQ
logo
Intersil Corporation
ISL78302 INTERSIL-ISL78302 Datasheet
596Kb / 11P
   Dual LDO with Low Noise, High Performance and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9014 INTERSIL-ISL9014_06 Datasheet
220Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com