Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78301FVECZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL78301FVECZ
Description  40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78301FVECZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL78301FVECZ Datasheet HTML 2Page - Intersil Corporation ISL78301FVECZ Datasheet HTML 3Page - Intersil Corporation ISL78301FVECZ Datasheet HTML 4Page - Intersil Corporation ISL78301FVECZ Datasheet HTML 5Page - Intersil Corporation ISL78301FVECZ Datasheet HTML 6Page - Intersil Corporation ISL78301FVECZ Datasheet HTML 7Page - Intersil Corporation ISL78301FVECZ Datasheet HTML 8Page - Intersil Corporation ISL78301FVECZ Datasheet HTML 9Page - Intersil Corporation ISL78301FVECZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
ISL78301
10
FN6705.2
April 7, 2015
Submit Document Feedback
Package Outline Drawing
M14.173B
14 LEAD HEAT-SINK THIN SHRINK SMALL OUTLINE PACKAGE (HTSSOP)
Rev 1, 1/10
BOTTOM VIEW
DETAIL "X"
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
B
A
1
7
8
14
C
PLANE
SEATING
0.10 C
0.10 CBA
H
PIN #1
I.D. MARK
5.00 ±0.10
4.40 ±0.10
0.25 +0.05/-0.06
6.40
0.20 C B A
0.05
3.10 ±0.10
3.00 ±0.10
0°-8°
GAUGE
PLANE
SEE
0.90 +0.15/-0.10
0.60 ±0.15
0.15 +0.05/-0.06
5
2
3
1
3
1.00 REF
0.65
1.20 MAX
0.25
0.05 MIN
0.15 MAX
EXPOSED THERMAL PAD
SIDE VIEW
DETAIL "X"
END VIEW
1. Dimension does not include mold flash, protrusions or gate burrs.
Mold flash, protrusions or gate burrs shall not exceed 0.15 per side.
2. Dimension does not include interlead flash or protrusion. Interlead
flash or protrusion shall not exceed 0.25 per side.
3. Dimensions are measured at datum plane H.
4. Dimensioning and tolerancing per ASME Y14.5M-1994.
5. Dimension does not include dambar protrusion.
Allowable protrusion shall be 0.80mm total in excess of dimension at
maximum material condition.
Minimum space between protrusion and adjacent lead is 0.07mm.
6. Dimension in ( ) are for reference only.
7. Conforms to JEDEC MO-153, variation ABT-1.
NOTES:
(1.45)
(5.65)
(0.65 TYP)
(0.35 TYP)
(3.10)
(3.00)


Similar Part No. - ISL78301FVECZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78301FVECZ INTERSIL-ISL78301FVECZ Datasheet
401Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
logo
Renesas Technology Corp
ISL78301FVECZ RENESAS-ISL78301FVECZ Datasheet
599Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
More results

Similar Description - ISL78301FVECZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
logo
Renesas Technology Corp
ISL78301 RENESAS-ISL78301 Datasheet
599Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Monolithic Power System...
MP2013A MPS-MP2013A Datasheet
842Kb / 19P
   40V, 150mA, Low-Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL78307FBEAZ INTERSIL-ISL78307FBEAZ Datasheet
368Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
April 7, 2015
logo
Renesas Technology Corp
ISL78307 RENESAS-ISL78307 Datasheet
547Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com