Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78420AVEZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL78420AVEZ
Description  100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78420AVEZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL78420AVEZ Datasheet HTML 1Page - Intersil Corporation ISL78420AVEZ Datasheet HTML 2Page - Intersil Corporation ISL78420AVEZ Datasheet HTML 3Page - Intersil Corporation ISL78420AVEZ Datasheet HTML 4Page - Intersil Corporation ISL78420AVEZ Datasheet HTML 5Page - Intersil Corporation ISL78420AVEZ Datasheet HTML 6Page - Intersil Corporation ISL78420AVEZ Datasheet HTML 7Page - Intersil Corporation ISL78420AVEZ Datasheet HTML 8Page - Intersil Corporation ISL78420AVEZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ISL78420
5
FN8296.3
November 6, 2014
Submit Document Feedback
Mid-Level Range
VMIDH
Mid-Level Range Upper Limit
3.0
3.4
-
2.9
-
V
VMIDL
Mid-Level Range Lower Limit
-
1.6
2.1
-2.2
V
Low Level Threshold
VPWML
0.8
1.1
-
0.7
-
V
PWM Pull-up Resistor
RUP
To internal 6.1V Reference
-
235
-
-
-
PWM Pull-down Resistor
RDOWN
To VSS
-165
-
-
-
EN INPUT
Low Level Threshold
VENL
1.8
2.5
-
1.8
-
V
High Level Threshold
VENH
-
2.8
4.0
-4.1
V
EN Pull-down Resistor
REN
To VSS
-210
-
100
320
UNDERVOLTAGE PROTECTION
VDD Rising Threshold
VDDR
6.8
7.3
7.8
6.5
8.0
V
VDD Threshold Hysteresis
VDDH
-0.6
-
-
-
V
VHB Rising Threshold
VHBR
6.2
6.9
7.5
5.9
7.8
V
VHB Threshold Hysteresis
VHBH
-0.6
-
-
-
V
BOOTSTRAP DIODE
Low Current Forward Voltage
VDL
IVDD-HB = 100µA
-
0.6
0.7
-
0.8
V
High Current Forward Voltage
VDH
IVDD-HB = 100mA
-
0.7
0.9
-
1
V
Dynamic Resistance
RD
RD = VD/IVDD-HB
IVDD-HB = 50mA and 100mA
-0.8
1
-
1.5
Ω
LO GATE DRIVER
Low Level Output Voltage
VOL_LO
ILO = 100mA Sink
-
0.25
0.4
-
0.5
V
High Level Output Voltage
VOH_LO
ILO = 100mA Source
Voltage below VDD
VOH_LO = VDD - VLO
-
0.25
0.4
-
0.5
V
Peak Pull-up Current
IOH_LO
VLO = 0V
-
2
-
-
-
A
Peak Pull-down Current
IOL_LO
VLO = 12V
-
2
-
-
-
A
HO GATE DRIVER
Low Level Output Voltage
VOL_HO
IHO = 100mA Sink
-
0.25
0.4
-
0.5
V
High Level Output Voltage
VOH_HO
IHO = 100mA Source
Voltage below VHB
VOH_HO = VHB - VHO
-
0.25
0.4
-
0.5
V
Peak Pull-up Current
IOH_HO
VHO = 0V
-
2
-
-
-
A
Peak Pull-down Current
IOL_HO
VHO = VHB
-2-
-
-
A
Electrical Specifications VDD = VHB = EN = 12V, VSS = VHS = 0V. No Load on LO or HO, Unless Otherwise Specified. Boldface limits
apply across the operating temperature range, -40°C to +125°C. (Continued)
PARAMETERS
SYMBOL
TEST CONDITIONS
TA = +25°C
TA = -40°C to +125°C
UNITS
MIN
TYP
MAX
MIN
(Note 10)
MAX
(Note 10)


Similar Part No. - ISL78420AVEZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78420AVEZ RENESAS-ISL78420AVEZ Datasheet
951Kb / 19P
   100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
More results

Similar Description - ISL78420AVEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78420 INTERSIL-ISL78420 Datasheet
373Kb / 16P
   100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
ISL78420ARTBZ-T INTERSIL-ISL78420ARTBZ-T Datasheet
374Kb / 16P
   100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
logo
Renesas Technology Corp
ISL78420 RENESAS-ISL78420 Datasheet
951Kb / 19P
   100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
logo
Intersil Corporation
HIP2120 INTERSIL-HIP2120 Datasheet
418Kb / 16P
   100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
logo
Renesas Technology Corp
HIP2120 RENESAS-HIP2120 Datasheet
712Kb / 16P
   100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
ISL78424 RENESAS-ISL78424 Datasheet
1Mb / 34P
   100V Boot, 4A Peak, Half-Bridge Driver with Single PWM Input and Adaptive Dead Time Control
logo
Analog Devices
LTC7060 AD-LTC7060 Datasheet
2Mb / 18P
   100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
logo
Renesas Technology Corp
HIP2210 RENESAS-HIP2210 Datasheet
603Kb / 28P
   100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time
Jun.23.20
logo
National Semiconductor ...
LM5105 NSC-LM5105 Datasheet
743Kb / 12P
   100V Half Bridge Gate Driver with Programmable Dead-time
logo
Texas Instruments
LM5105 TI1-LM5105_16 Datasheet
1,004Kb / 23P
[Old version datasheet]   100V Half Bridge Gate Driver With Programmable Dead-Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com