Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78692EVAL1Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL78692EVAL1Z
Description  Li-ion/Li-Polymer Battery Charger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78692EVAL1Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL78692EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL78692EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL78692EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL78692EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL78692EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL78692EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL78692EVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL78692EVAL1Z Datasheet HTML 13Page - Intersil Corporation ISL78692EVAL1Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISL78692
10
FN8692.0
September 10, 2014
Submit Document Feedback
When using a current-limited adapter, the thermal situation in
the ISL78692 is totally different. Figures 19 shows the typical
charge curves when a current-limited adapter is employed. The
operation requires the IREF to be programmed higher than the
limited current ILIM of the adapter. The key difference of the
charger operating under such conditions occurs during the CC
mode.
The “Block Diagram” on page 2 aids in understanding the
operation. The current loop consists of the current amplifier CA
and the sense MOSFET (QSEN). The current reference IR is
programmed by the IREF pin. The current amplifier CA regulates
the gate of the sense MOSFET (QSEN) that the sensed current
ISEN matches the reference current IR. The main MOSFET QMAIN
and the sense MOSFET (QSEN) form a current mirror with a ratio
of 100,000:1, which the output charge current is 100,000 times
IR. In the CC mode, the current loop tries to increase the charge
current by enhancing the sense MOSFET (QSEN), which the
sensed current matches the reference current. On the other
hand, the adapter current is limited, the actual output current will
never meet what is required by the current reference. As a result,
the current error amplifier CA, keeps enhancing the QSEN as well
as the main MOSFET QMAIN until they are fully turned on.
Therefore, the main MOSFET becomes a power switch instead of
a linear regulation device. The power dissipation in the CC mode
becomes Equation 2:
where rDS(ON) is the resistance when the main MOSFET is fully
turned on. This power is typically much less than the peak power
in the traditional linear mode.
The worst power dissipation when using a current-limited adapter
typically occurs at the beginning of the CV mode, as shown in
Figure 19.
Equation 1 applies during the CV mode. When using a very small
PCB whose thermal impedance is relatively large, it is possible
that the internal temperature can still reach the thermal
foldback threshold. In that case, the IC is thermally protected by
lowering the charge current, as shown with the dotted lines in the
charge current and power curves. Appropriate design of the
adapter can further reduce the peak power dissipation of the
ISL78692. See “Applications Information” for more information.
Figure 20 illustrates the typical signal waveforms for the linear
charger from the power-up to a recharge cycle. More detailed
information is given in the following.
Applications Information
Power on Reset (POR)
The ISL78692 resets itself as the input voltage rises above the
POR rising threshold. The V2P8 pin outputs a 2.8V voltage, the
internal oscillator starts to oscillate, the internal timer is reset,
and the charger begins to charge the battery. The two indication
pins, STATUS and FAULT, indicate a LOW and a HIGH logic signal
respectively. Figure 20 illustrates the start-up of the charger
between t0 to t2.
The ISL78692 has a typical rising POR threshold of 3.4V and a
falling POR threshold of 2.4V. The 2.4V falling threshold
guarantees charger operation with a current-limited adapter to
minimize the thermal dissipation.
Charge Cycle
A charge cycle consists of three charge modes: trickle mode,
constant current (CC) mode and constant voltage (CV) mode. The
charge cycle always starts with the trickle mode until the battery
voltage stays above VTRICKLE (2.8V typical) for 15 consecutive
cycles of the internal oscillator. If the battery voltage drops below
VTRICKLE during the 15 cycles, the 15-cycle counter is reset and
the charger stays in the trickle mode. The charger moves to the CC
mode after verifying the battery voltage. As the battery pack
terminal voltage rises to the final charge voltage VCH, the CV mode
begins. The terminal voltage is regulated at the constant VCH in the
CV mode and the charge current starts to reduce towards zero.
FIGURE 18. TYPICAL CHARGE CURVES USING A CONSTANT VOLTAGE
ADAPTER
FIGURE 19. TYPICAL CHARGE CURVES USING A CURRENT-LIMITED
ADAPTER
VCH
VTRICKLE
VIN
ICHARGE
P1
TRICKLE
MODE
CONSTANT CURRENT
MODE
CONSTANT VOLTAGE
MODE
INHIBIT
TIMEOUT
INPUT VOLTAGE
BATTERY VOLTAGE
CHARGE CURRENT
POWER DISSIPATION
ICHARGE/10
P2
P3
VCH
VTRICKLE
VIN
ICHARGE
ICHARGE/10
P1
P2
ILIM
TRICKLE
MODE
CONSTANT CURRENT
MODE
CONSTANT VOLTAGE
MODE
INHIBIT
TIMEOUT
INPUT VOLTAGE
BATTERY VOLTAGE
CHARGE CURRENT
POWER DISSIPATION
PCH
rDS ON
 ICHARGE
2
=
(EQ. 2)


Similar Part No. - ISL78692EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78692EVAL1Z RENESAS-ISL78692EVAL1Z Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
More results

Similar Description - ISL78692EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com