Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80101IRAJZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL80101IRAJZ
Description  High Performance 1A LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80101IRAJZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL80101IRAJZ Datasheet HTML 4Page - Intersil Corporation ISL80101IRAJZ Datasheet HTML 5Page - Intersil Corporation ISL80101IRAJZ Datasheet HTML 6Page - Intersil Corporation ISL80101IRAJZ Datasheet HTML 7Page - Intersil Corporation ISL80101IRAJZ Datasheet HTML 8Page - Intersil Corporation ISL80101IRAJZ Datasheet HTML 9Page - Intersil Corporation ISL80101IRAJZ Datasheet HTML 10Page - Intersil Corporation ISL80101IRAJZ Datasheet HTML 11Page - Intersil Corporation ISL80101IRAJZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ISL80101-ADJ
10
FN7834.3
August 26, 2015
Submit Document Feedback
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you
have the latest revision.
DATE
REVISION
CHANGE
August 26, 2015
FN7834.3
Added Related Literature to page 1.
Removed 1st bullet in Features on page 1 which read ±0.2% initial VOUT accuracy.
Changed 7th bullet in Features on page 1 from Excellent 58dB PSRR at 1kHz to Excellent 65dB PSRR
Updated the EA amp in the “Block Diagram” on page 2 by switching the + and - terminals. The positive
terminal is now connected to the ADJ pin. Removed “SENSE” pin Reference in diagram
“Pin Descriptions” on page 3 - Removed “minimum 10µF” from 1st sentence in VOUT description.
“Absolute Maximum Ratings” on page 4 - Removed Machine Model and changed latch up from +85°C to
+125°C.
Removed "SENSE" from “ADJ” in "‘Recommended Operating Conditions" on page 4.
Added “VIN =” to values in Figure 10 on page 7
Changed Title of Figure 3 on page 6 from Dropout vs Temperature to Dropout Voltage vs Temperature
Changed Title in Figure 12 on page 7 from PSRR vs Frequency and Load Current to PSRR vs Frequency for
various load currents
Changed Title in Figure 13 on page 7 from PSRR vs Frequency and Output Capacitance (IOUT = 100mA) to
PSRR vs Frequency for various output capacitors (IOUT=100mA)
Electrical Spec changes:
Electrical Spec Table conditions on page 4 changed: VIN = VOUT + 0.4V, VOUT = 1.8V, CIN = COUT = 2.2µF, to:
2.2V < VIN < 6V, VOUT = 0.5V
“Feedback Pin (ADJ Option Only)” Test Conditions changed from: 2.2V
VIN  6V, 0A < ILOAD < 1A to: VOUT +
0.4V < VIN < 6V, VOUT = 2.5V, 0A < ILOAD < 1A
"DC Input Line Regulation" on page 4 - changed symbol from
VOUT/VIN to VOUT low line - VOUT high
line)/VOUT low line and added MIN -1. Test Conditions changed from: VOUT + 0.5V < VIN < 5V to: VOUT + 0.4V
< VIN < 6V, VOUT = 2.5V
“DC Output Load Regulation” on page 4 - changed symbol from
VOUT/IOUT to VOUT no load-VOUT high load)/
VOUT no load and added MAX 1. Test Conditions changed from: 0A < ILOAD < 1A, All voltage options to: 0A <
ILOAD < 1A, VOUT = 2.5V
Ground Pin Current Test Conditions changed from:
ILOAD = 0A, 2.2V < VIN < 6V to: ILOAD = 0A, VOUT + 0.4V < VIN < 6V, VOUT = 2.5V
ILOAD = 1A, 2.2V < VIN < 6V to: ILOAD = 1A, VOUT + 0.4V < VIN < 6V, VOUT = 2.5V
Output Short Circuit Current Test Conditions changed from: VOUT = 0V, 2.2V < VIN < 6V to: VOUT = 0V
Thermal Shutdown Temperature, Thermal Shutdown Hysteresis, Turn-on Threshold and Hysteresis - Removed
Test Conditions
Removed “Rising Threshold” from ““Thermal Shutdown Hysteresis” on page 4 and from “Hysteresis” on page 5
“AC CHARACTERISTICS” on page 4 in PSRR - changed TYP from "72" to "65" for f = 120Hz. Added to Test
Conditions: VOUT = 1.8V
Output Noise Voltage in test conditions changed “10Hz” to “100Hz”, added VIN = 2.2V, VOUT = 1.8V. Changed
TYP from “63” to “53”
“PG Flag Low Voltage” on page 5 changed in test conditions - VIN = 2.5V TO VIN = 3V
“Turn-on Threshold” on page 5 changed MIN from: 0.3; to: 0.5
“Hysteresis” on page 5 changed in test conditions from: 2.2V < VOUT + 0.4V < 6V, to: 2.2V < VIN < 6V
“ENABLE Pin Leakage Current” on page 5 changed “Enable = 3V” to “Enable = 2.8V”
-------------------------------------------------
Updated Output Spectral Noise Density (Figure 15 on page 8) and changed IL = 1A to IOUT = 1A
Updated POD L10.3x3 to most recent revision with changes as follows:
Added missing dimension 0.415 in Typical Recommended land pattern.
Shortened the e-pad rectangle on both the recommended land pattern and the package bottom view to line
up with the centers of the corner pins.
Tiebar Note 4 updated
From: Tiebar shown (if present) is a non-functional feature.
To: Tiebar shown (if present) is a non-functional feature and may be located on any of the 4 sides (or ends).


Similar Part No. - ISL80101IRAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80101IRAJZ INTERSIL-ISL80101IRAJZ Datasheet
544Kb / 15P
   High Performance 1A LDO
ISL80101IRAJZ-TK INTERSIL-ISL80101IRAJZ-TK Datasheet
583Kb / 11P
   High Performance 1A LDO
More results

Similar Description - ISL80101IRAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78310 INTERSIL-ISL78310 Datasheet
659Kb / 13P
   High Performance 1A LDO
ISL78310ARAJZ INTERSIL-ISL78310ARAJZ Datasheet
536Kb / 14P
   High Performance 1A LDO
November 7, 2014
logo
Renesas Technology Corp
ISL80510 RENESAS-ISL80510 Datasheet
1Mb / 13P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80510IRAJZ INTERSIL-ISL80510IRAJZ Datasheet
808Kb / 13P
   High Performance 1A LDO
July 28, 2015
logo
Renesas Technology Corp
ISL80101 RENESAS-ISL80101 Datasheet
747Kb / 12P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101 Datasheet
544Kb / 15P
   High Performance 1A LDO
logo
Renesas Technology Corp
ISL78310 RENESAS-ISL78310 Datasheet
812Kb / 14P
   High Performance 1A LDO
logo
Intersil Corporation
ISL80101 INTERSIL-ISL80101_11 Datasheet
583Kb / 11P
   High Performance 1A LDO
ISL80101IRAJZ-TK INTERSIL-ISL80101IRAJZ-TK Datasheet
583Kb / 11P
   High Performance 1A LDO
logo
Altera Corporation
EY1501DI-ADJ ALTERA-EY1501DI-ADJ Datasheet
1Mb / 13P
   EY1501DI-ADJ High Performance 1A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com