Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL80112IRAJZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL80112IRAJZ
Description  Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL80112IRAJZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL80112IRAJZ Datasheet HTML 1Page - Intersil Corporation ISL80112IRAJZ Datasheet HTML 2Page - Intersil Corporation ISL80112IRAJZ Datasheet HTML 3Page - Intersil Corporation ISL80112IRAJZ Datasheet HTML 4Page - Intersil Corporation ISL80112IRAJZ Datasheet HTML 5Page - Intersil Corporation ISL80112IRAJZ Datasheet HTML 6Page - Intersil Corporation ISL80112IRAJZ Datasheet HTML 7Page - Intersil Corporation ISL80112IRAJZ Datasheet HTML 8Page - Intersil Corporation ISL80112IRAJZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ISL80111, ISL80112, ISL80113
5
FN7841.2
November 1, 2013
VIN Quiescent Current
IQ (VIN)
VOUT = 1.0V
3.5
mA
VBIAS Quiescent Current
IQ (VBIAS)
0
≤ IL ≤ 3A, VBIAS = 5.5V
2.9
4.6
mA
Ground Pin Current in
Shutdown
ISHDN
ENABLE Pin = 0.2V, TJ = +125°C
3
20
µA
VIN Dropout Voltage
(Note 11)
VDO(VIN)
ILOAD = 1A, VOUT = 1.2V, 2.9V ≤ VBIAS ≤ 5V
27
90
mV
ILOAD = 2A, VOUT = 1.2V, 2.9V ≤ VBIAS ≤ 5V
53
115
mV
ILOAD = 3A, VOUT = 1.2V, 2.9V ≤ VBIAS ≤ 5V
75
140
mV
VBIAS Dropout Voltage
(Note 11)
VDO(BIAS)
ILOAD = 1A, VOUT = 1.2V
1.1
1.3
V
ILOAD = 2A, VOUT = 1.2V
1.2
1.4
V
ILOAD = 3A, VOUT = 1.2V
1.3
1.5
V
OVERCURRENT PROTECTION
Output Short Circuit Current
(3A Version)
ISC
VOUT = 0.2V
5.2
A
Output Short Circuit Current
(2A Version)
VOUT = 0.2V
3.2
A
Output Short Circuit Current
(1A Version)
VOUT = 0.2V
2.2
A
OVER-TEMPERATURE PROTECTION
Thermal Shutdown
Temperature
TSD
160
°C
Thermal Shutdown
Hysteresis
TSDn
20
°C
AC CHARACTERISTICS
Input Supply Ripple Rejection
PSRR(VIN)
f = 120Hz, ILOAD = 1A
80
dB
PSRR(VBIAS)
f = 120Hz, ILOAD = 1A
60
dB
Output Noise Voltage
eN(RMS)
ILOAD = 10mA, BW = 100Hz ≤ f ≤ 100kHz
100
µVRMS
Spectral Noise Density
eN
ILOAD = 3A, f = 10Hz
7
µV/
√Hz
ILOAD = 3A, f = 100Hz
3
µV/√Hz
DEVICE START-UP CHARACTERISTICS
EN Start-up Time
tEN
COUT = 10µF, ILOAD = 1A
50
µs
BIAS Start-up Time
tBIAS
COUT = 10µF, EN = BIAS
100
µs
ENABLE PIN CHARACTERISTICS
Turn-on Threshold (Rising)
VOUT + 0.4V ≤ VIN ≤ 3.6V, 2.9V ≤ VBIAS ≤ 5.5V
400
680
850
mV
Hysteresis (Rising Threshold)
1.2V
≤ VIN ≤ 3.6V, 2.9V ≤ VBIAS ≤ 5.5V
60
260
330
mV
PG PIN CHARACTERISTICS
PG Flag Falling Threshold
PGTH
2.9V
≤ VBIAS ≤ 5.5V
71
82
93
%VOUT
PG Flag Hysteresis
PGHYS
2.9V
≤ VBIAS ≤ 5.5V
9.3
%VOUT
Electrical Specifications Unless otherwise specified, VIN = VOUT + 0.4V, VBIAS = 2.9V, VOUT = 1.2V, CBIAS = 1µF, CIN = 10µF,
COUT = 2.2µF, TJ = +25°C, IL = 0mA. Applications must follow thermal guidelines of the package to determine worst-case junction temperature. Please
refer to “Power Dissipation” on page 13 and Tech Brief TB379.
Boldface limits apply over junction temperature (TJ) range, -40°C to +125°C. Pulse load techniques used by ATE to ensure TJ = TA where datasheet limits
are defined. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 10)
TYP
MAX
(Note 10)
UNITS


Similar Part No. - ISL80112IRAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80112IRAJZ RENESAS-ISL80112IRAJZ Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
More results

Similar Description - ISL80112IRAJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80112IRAJZ INTERSIL-ISL80112IRAJZ Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Exar Corporation
XRP6274 EXAR-XRP6274 Datasheet
1Mb / 11P
   2A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RTQ2516-QT RICHTEK-RTQ2516-QT Datasheet
246Kb / 12P
   2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
RT2515A RICHTEK-RT2515A Datasheet
261Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
RT9048 RICHTEK-RT9048 Datasheet
240Kb / 10P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
June 2019
RT2515H RICHTEK-RT2515H Datasheet
260Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Richtek Technology Corp...
RT9059 RICHTEK-RT9059 Datasheet
182Kb / 12P
   3A, Ultra-Low Dropout Voltage Regulator
RT2516 RICHTEK-RT2516 Datasheet
258Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com