Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTT6010-1EKB Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BTT6010-1EKB
Description  Smart High-Side Power Switch Single Channel
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6010-1EKB Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BTT6010-1EKB_15 Datasheet HTML 7Page - Infineon Technologies AG BTT6010-1EKB_15 Datasheet HTML 8Page - Infineon Technologies AG BTT6010-1EKB_15 Datasheet HTML 9Page - Infineon Technologies AG BTT6010-1EKB_15 Datasheet HTML 10Page - Infineon Technologies AG BTT6010-1EKB_15 Datasheet HTML 11Page - Infineon Technologies AG BTT6010-1EKB_15 Datasheet HTML 12Page - Infineon Technologies AG BTT6010-1EKB_15 Datasheet HTML 13Page - Infineon Technologies AG BTT6010-1EKB_15 Datasheet HTML 14Page - Infineon Technologies AG BTT6010-1EKB_15 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
BTT6010-1EKB
General Product Characteristics
Data Sheet
11
Rev. 1.0, 2015-10-01
PROFET™+ 24V
4.2
Functional Range
Table 3
Functional Range
T
J = -40 °C to +150°C; (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Nominal operating voltage
VNOM
8
28
36
V
P_4.2.1
Extended operating voltage
VS(OP)
5–
48
V
2) V
IN = 4.5 V
RL = 4 Ω
VDS < 0.5 V
See Figure 15
P_4.2.2
Minimum functional supply
voltage
VS(OP)_MIN
3.8
4.3
5
V
1) V
IN = 4.5 V
RL = 4 Ω
From IOUT = 0 A
to VDS < 0.5 V;
See Figure 15
P_4.2.3
Undervoltage shutdown
VS(UV)
3
3.5
4.1
V
1) V
IN = 4.5 V
VDEN = 0 V
RL = 4 Ω
From VDS < 1 V;
to IOUT = 0 A
See Figure 15
See Chapter 9
1) Test at TJ = -40°C only
P_4.2.4
Undervoltage shutdown
hysteresis
VS(UV)_HYS
850
mV
2)
2) Not subject to production test. Specified by design.
P_4.2.13
Operating current channel
active
IGND_1
–4.8
9mA
VIN = 5.5 V
VDEN = 5.5 V
Device in RDS(ON)
VS = 36 V
See Chapter 9
P_4.2.5
Standby current for whole
device with load (ambiente)
IS(OFF)
–0.1
0.5
μA
1) V
S = 36 V
VOUT = 0 V
VIN floating
VDEN floating
TJ ≤ 85 °C
See Chapter 9
P_4.2.7
Maximum standby current for
whole device with load
IS(OFF)_150
–8
15
μA
VS = 36 V
VOUT = 0 V
VIN floating
VDEN floating
TJ = 150 °C
See Chapter 9
P_4.2.10
Standby current for whole
device with load, diagnostic
active
IS(OFF_DEN)
–0.6
–mA
2) V
S = 36 V
VOUT = 0 V
VIN floating
VDEN = 5.5 V
P_4.2.8


Similar Part No. - BTT6010-1EKB_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTT6010-1EKA INFINEON-BTT6010-1EKA Datasheet
2Mb / 48P
   Smart High-Side Power Switch
Rev. 1.1, 2014-12-17
BTT6010-1EKA INFINEON-BTT6010-1EKA_15 Datasheet
2Mb / 48P
   Smart High-Side Power Switch
Rev. 1.1, 2014-12-17
More results

Similar Description - BTT6010-1EKB_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTT6050-1EKA INFINEON-BTT6050-1EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
BTT6020-1EKA INFINEON-BTT6020-1EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Single Channel
Rev. 1.1, 2015-03-04
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTS40K2-1ENC INFINEON-BTS40K2-1ENC Datasheet
1Mb / 40P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6050-1ERA INFINEON-BTT6050-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 50m廓
Rev.1.00 2019-03-09
BTT6020-1ERA INFINEON-BTT6020-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 20m廓
Rev.1.00 2019-03-09
BTT6200-1ENA INFINEON-BTT6200-1ENA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6030-2ERA INFINEON-BTT6030-2ERA Datasheet
1Mb / 55P
   Smart High-Side Power Switch Single Channel, 32m廓
Rev.1.00 2019-03-09
BTS5200-1ENA INFINEON-BTS5200-1ENA Datasheet
1Mb / 45P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6030-2EKA INFINEON-BTT6030-2EKA_15 Datasheet
2Mb / 54P
   Smart High-Side Power Switch Dual Channel
Rev. 1.1, 2015-03-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com