Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW30N65WR5 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IKW30N65WR5
Description  Reverse conducting IGBT with monolithic body diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW30N65WR5 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IKW30N65WR5 Datasheet HTML 6Page - Infineon Technologies AG IKW30N65WR5 Datasheet HTML 7Page - Infineon Technologies AG IKW30N65WR5 Datasheet HTML 8Page - Infineon Technologies AG IKW30N65WR5 Datasheet HTML 9Page - Infineon Technologies AG IKW30N65WR5 Datasheet HTML 10Page - Infineon Technologies AG IKW30N65WR5 Datasheet HTML 11Page - Infineon Technologies AG IKW30N65WR5 Datasheet HTML 12Page - Infineon Technologies AG IKW30N65WR5 Datasheet HTML 13Page - Infineon Technologies AG IKW30N65WR5 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
IKW30N65WR5
ReverseConductingSeries
Rev.1.3,2015-06-01
Figure 13.
Typicalswitchingenergylossesasa
functionofgateresistance
(inductiveload,Tvj=175°C,VCE=400V,
VGE=0/15V,IC=30A,dynamictestcircuitin
Figure E)
RG,GATERESISTANCE[
Ω]
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Eoff
Eon
Ets
Figure 14.
Typicalswitchingenergylossesasa
functionofjunctiontemperature
(inductiveload,VCE=400V,VGE=0/15V,
IC=30A,RG(on)=26
Ω,RG(off)=26Ω,dynamic
test circuit in Figure E)
Tvj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
175
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Eoff
Eon
Ets
Figure 15.
Typicalgatecharge
(IC=30A)
QGE,GATECHARGE[nC]
0
25
50
75
100
125
150
0
2
4
6
8
10
12
14
16
18
20
VCC=130V
VCC=520V
Figure 16.
Typicalcapacitanceasafunctionof
collector-emittervoltage
(VGE=0V,f=1MHz)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0
3
6
9
12
15
18
21
24
27
30
10
100
1000
1E+4
Cies
Coes
Cres


Similar Part No. - IKW30N65WR5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW30N65EL5 INFINEON-IKW30N65EL5 Datasheet
1Mb / 16P
   Best-in-Class tradeoff between conduction and switching losses
Rev.2.1,2014-12-10
IKW30N65ES5 INFINEON-IKW30N65ES5 Datasheet
1Mb / 16P
   high Speed soft switching IGBT with full current rated RAPID 1 diode
Rev.2.1,2015-09-22
IKW30N65ES5 INFINEON-IKW30N65ES5_15 Datasheet
1Mb / 16P
   high Speed soft switching IGBT with full current rated RAPID 1 diode
Rev.2.1,2015-09-22
IKW30N65ET7 INFINEON-IKW30N65ET7 Datasheet
1Mb / 17P
   Low Loss Duopack: IGBT with Trench and Fieldstop technology
V2.2 2020-11-11
IKW30N65H5 INFINEON-IKW30N65H5 Datasheet
2Mb / 17P
   High speed switching series fifth generation
Rev.2.1,2015-05-06
More results

Similar Description - IKW30N65WR5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW15N120R3 INFINEON-IHW15N120R3 Datasheet
790Kb / 12P
   Reverse conducting IGBT with monolithic body diode
Rev 2.2 2009-11-18
IHY20N120R3 INFINEON-IHY20N120R3 Datasheet
933Kb / 12P
   Reverse conducting IGBT with monolithic body diode
Rev 2.1 2009-11-25
IKW40N65WR5 INFINEON-IKW40N65WR5_16 Datasheet
1Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.1,2015-12-10
IHW20N120R5 INFINEON-IHW20N120R5 Datasheet
1Mb / 15P
   Reverse Conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
IKW40N65WR5 INFINEON-IKW40N65WR5_15 Datasheet
1Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.1.2,2015-03-27
IHW15N120R INFINEON-IHW15N120R Datasheet
370Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 2.1 July 06
IHW20N65R5 INFINEON-IHW20N65R5_15 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.3,2015-12-22
IHW30N110R3 INFINEON-IHW30N110R3 Datasheet
2Mb / 15P
   Reverse conducting IGBT with monolithic body diode
Rev.2.1,2015-01-26
IHW40N120R5 INFINEON-IHW40N120R5 Datasheet
1Mb / 15P
   Reverse Conducting IGBT with monolithic body diode
V2.3 2019-09-20
IHW30N110R5 INFINEON-IHW30N110R5 Datasheet
1Mb / 15P
   Reverse-Conducting IGBT with monolithic body diode
Revision 1.00 2022-05-18
IHW20N120R2 INFINEON-IHW20N120R2 Datasheet
375Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 1.2 May 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com