Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW75N65EH5 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IKW75N65EH5
Description  650V DuoPack IGBT and full-rated diode High speed series fifth generation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW75N65EH5 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IKW75N65EH5_15 Datasheet HTML 1Page - Infineon Technologies AG IKW75N65EH5_15 Datasheet HTML 2Page - Infineon Technologies AG IKW75N65EH5_15 Datasheet HTML 3Page - Infineon Technologies AG IKW75N65EH5_15 Datasheet HTML 4Page - Infineon Technologies AG IKW75N65EH5_15 Datasheet HTML 5Page - Infineon Technologies AG IKW75N65EH5_15 Datasheet HTML 6Page - Infineon Technologies AG IKW75N65EH5_15 Datasheet HTML 7Page - Infineon Technologies AG IKW75N65EH5_15 Datasheet HTML 8Page - Infineon Technologies AG IKW75N65EH5_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
IKW75N65EH5
Highspeedseriesfifthgeneration
Rev.2.1,2015-05-20
Highspeed5IGBTinTRENCHSTOPTM5technologycopackedwithfull-rated
RAPID1fastandsoftantiparalleldiode

FeaturesandBenefits:
HighspeedH5technologyoffering
•Best-in-Classefficiencyinhardswitchingandresonant
topologies
•PlugandplayreplacementofpreviousgenerationIGBTs
•650Vbreakdownvoltage
•LowgatechargeQG
•IGBTcopackedwithfull-ratedRAPID1fastandsoftantiparallel
diode
•Maximumjunctiontemperature175°C
•QualifiedaccordingtoJEDECfortargetapplications
•Pb-freeleadplating;RoHScompliant
•CompleteproductspectrumandPSpiceModels:
http://www.infineon.com/igbt/
Applications:
•Uninterruptiblepowersupplies
•Solarconverters
•Weldingconverters
•Midtohighrangeswitchingfrequencyconverters
Packagepindefinition:
•Pin1-gate
•Pin2&backside-collector
•Pin3-emitter
G
C
E
1
2
3
KeyPerformanceandPackageParameters
Type
VCE
IC
VCEsat,Tvj=25°C
Tvjmax
Marking
Package
IKW75N65EH5
650V
75A
1.65V
175°C
K75EEH5
PG-TO247-3


Similar Part No. - IKW75N65EH5_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW75N65EL5 INFINEON-IKW75N65EL5 Datasheet
1Mb / 16P
   Best-in-Class tradeoff between conduction and switching losses
Rev.2.1,2014-12-10
IKW75N65ES5 INFINEON-IKW75N65ES5 Datasheet
1Mb / 16P
   5 high Speed soft switching IGBT with full current rated RAPID 1 diode
Rev.2.1,2015-09-22
IKW75N65ES5 INFINEON-IKW75N65ES5_15 Datasheet
1Mb / 16P
   5 high Speed soft switching IGBT with full current rated RAPID 1 diode
Rev.2.1,2015-09-22
IKW75N65ET7 INFINEON-IKW75N65ET7 Datasheet
1Mb / 17P
   TRENCHSTOPTM IGBT 7 Low Loss Duopack: IGBT with Trench and Fieldstop technology
2020-11-11
More results

Similar Description - IKW75N65EH5_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW50N65EH5 INFINEON-IKW50N65EH5_15 Datasheet
1Mb / 17P
   650V DuoPack IGBT and full-rated diode High speed series fifth generation
Rev.2.1,2015-05-20
IKZ50N65EH5 INFINEON-IKZ50N65EH5 Datasheet
2Mb / 16P
   650V DuoPack IGBT and diode High speed series fifth generation
Rev.2.1,2014-10-31
IKZ50N65NH5 INFINEON-IKZ50N65NH5 Datasheet
2Mb / 16P
   650V DuoPack IGBT and diode High speed series fifth generation
Rev.2.1,2014-10-31
IKW40N65F5 INFINEON-IKW40N65F5_13 Datasheet
2Mb / 18P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.2,2013-12-18
IKP40N65H5 INFINEON-IKP40N65H5_15 Datasheet
2Mb / 18P
   650V DuoPack IGBT and diode High speed switching series fifth generation
Rev.2.1,2015-05-06
IKP15N65H5 INFINEON-IKP15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA15N65H5 INFINEON-IKA15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKP08N65F5 INFINEON-IKP08N65F5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKW50N65H5 INFINEON-IKW50N65H5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKP08N65H5 INFINEON-IKP08N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com