Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0U1BLD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PESD5V0U1BLD
Description  Ultra low capacitance bidirectional ESD protection diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0U1BLD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PESD5V0U1BLD_15 Datasheet HTML 3Page - NXP Semiconductors PESD5V0U1BLD_15 Datasheet HTML 4Page - NXP Semiconductors PESD5V0U1BLD_15 Datasheet HTML 5Page - NXP Semiconductors PESD5V0U1BLD_15 Datasheet HTML 6Page - NXP Semiconductors PESD5V0U1BLD_15 Datasheet HTML 7Page - NXP Semiconductors PESD5V0U1BLD_15 Datasheet HTML 8Page - NXP Semiconductors PESD5V0U1BLD_15 Datasheet HTML 9Page - NXP Semiconductors PESD5V0U1BLD_15 Datasheet HTML 10Page - NXP Semiconductors PESD5V0U1BLD_15 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PESD5V0U1BLD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 27 July 2011
7 of 11
NXP Semiconductors
PESD5V0U1BLD
Ultra low capacitance bidirectional ESD protection diode
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
11. Soldering
Fig 8.
Package outline SOD882D
10-08-06
Dimensions in mm
0.65
0.30
0.22
0.30
0.22
0.55
0.45
0.65
0.55
0.4
max
1.05
0.95
2
cathode marking on top side
1
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
10000
PESD5V0U1BLD
SOD882D
2 mm pitch, 8 mm tape and reel
-315
Reflow soldering is the only recommended soldering method.
Fig 9.
Reflow soldering footprint SOD882D
solder lands
solder resist
solder paste
sod882d_fr
Dimensions in mm
1.4
0.2
0.3
0.4
1
1.3
0.8
(2
×)
0.6
(2
×)
0.7
(2
×)


Similar Part No. - PESD5V0U1BLD_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0U1BLD-Q NEXPERIA-PESD5V0U1BLD-Q Datasheet
216Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
13 July 2022
More results

Similar Description - PESD5V0U1BLD_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3X1BL NXP-PESD3V3X1BL Datasheet
91Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 01-6 January 2009
PESD18VF1BL NXP-PESD18VF1BL Datasheet
716Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 1-2 September 2013
PESD5V0H1BSF PHILIPS-PESD5V0H1BSF_15 Datasheet
193Kb / 13P
   Ultra low capacitance bidirectional ESD protection diode
7 May 2015
logo
Nexperia B.V. All right...
PESD7V0C1BSF NEXPERIA-PESD7V0C1BSF Datasheet
207Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
PESD3V3C1BSF NEXPERIA-PESD3V3C1BSF Datasheet
694Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
logo
NXP Semiconductors
PESD5V0R1BSF PHILIPS-PESD5V0R1BSF_15 Datasheet
189Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
7 May 2015
PESD18VF1BSF PHILIPS-PESD18VF1BSF_15 Datasheet
187Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
20 May 2015
logo
Nexperia B.V. All right...
PESD24VF1BSF NEXPERIA-PESD24VF1BSF Datasheet
672Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
PESD5V0U1BLD-Q NEXPERIA-PESD5V0U1BLD-Q Datasheet
216Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
13 July 2022
PESD24VF1BL-Q NEXPERIA-PESD24VF1BL-Q Datasheet
233Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
1 June 2022
PESD18VF1BLS-Q NEXPERIA-PESD18VF1BLS-Q Datasheet
210Kb / 11P
   Ultra-low capacitance bidirectional ESD protection diode
13 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com