Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0V1BCSF Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESD5V0V1BCSF
Description  Ultra low profile bidirectional very low capacitance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0V1BCSF Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESD5V0V1BCSF_15 Datasheet HTML 2Page - NXP Semiconductors PESD5V0V1BCSF_15 Datasheet HTML 3Page - NXP Semiconductors PESD5V0V1BCSF_15 Datasheet HTML 4Page - NXP Semiconductors PESD5V0V1BCSF_15 Datasheet HTML 5Page - NXP Semiconductors PESD5V0V1BCSF_15 Datasheet HTML 6Page - NXP Semiconductors PESD5V0V1BCSF_15 Datasheet HTML 7Page - NXP Semiconductors PESD5V0V1BCSF_15 Datasheet HTML 8Page - NXP Semiconductors PESD5V0V1BCSF_15 Datasheet HTML 9Page - NXP Semiconductors PESD5V0V1BCSF_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PESD5V0V1BCSF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 2 September 2011
6 of 13
NXP Semiconductors
PESD5V0V1BCSF
Bidirectional very low capacitance ESD protection diode
(1) Positive ESD pulse waveform
(2) Negative ESD pulse waveform
(1) Positive ESD pulse waveform
(2) Negative ESD pulse waveform
Fig 6.
Clamped
1 kV ESD pulse waveform
(IEC 61000-4-2 network)
Fig 7.
Clamped
8 kV ESD pulse waveform
(IEC 61000-4-2 network)
t (ns)
-50
300
230
90
160
20
018aaa137
-5
5
-15
15
25
VCL
(V)
-25
(1)
(2)
t (ns)
-50
300
230
90
160
20
018aaa138
-20
20
-60
60
100
VCL
(V)
-100
(1)
(2)


Similar Part No. - PESD5V0V1BCSF_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0V1BCSF NEXPERIA-PESD5V0V1BCSF Datasheet
955Kb / 13P
   Ultra low profile bidirectional very low capacitance ESD protection diode
More results

Similar Description - PESD5V0V1BCSF_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0V1BSF NXP-PESD5V0V1BSF Datasheet
333Kb / 13P
   Ultra low profile bidirectional very low capacitance ESD protection diode
Rev. 2-17 February 2011
logo
Nexperia B.V. All right...
PESD5V0V1BSF NEXPERIA-PESD5V0V1BSF Datasheet
797Kb / 13P
   Ultra low profile bidirectional very low capacitance ESD protection diode
Rev. 2 - 17 February 2011
logo
NXP Semiconductors
PESD5V0V1BSF NXP-PESD5V0V1BSF_11 Datasheet
204Kb / 13P
   Ultra low profile bidirectional very low capacitance ESD protection diode
Rev. 2-17 February 2011
logo
Nexperia B.V. All right...
PESD5V0V1BCSF NEXPERIA-PESD5V0V1BCSF Datasheet
955Kb / 13P
   Ultra low profile bidirectional very low capacitance ESD protection diode
logo
NXP Semiconductors
PESD5V0L1BSF NXP-PESD5V0L1BSF Datasheet
167Kb / 13P
   Ultra low profile bidirectional low capacitance
Rev. 1-18 February 2011
PESD5V0S1BSF NXP-PESD5V0S1BSF_11 Datasheet
139Kb / 13P
   Ultra low profile bidirectional low capacitance ESD protection diode
Rev. 2-18 February 2011
logo
Nexperia B.V. All right...
PESD5V0L1BSF NEXPERIA-PESD5V0L1BSF Datasheet
755Kb / 13P
   Ultra low profile bidirectional low capacitance ESD protection diode
Rev. 1 - 18 February 2011
PESD5V0S1BSF NEXPERIA-PESD5V0S1BSF Datasheet
742Kb / 13P
   Ultra low profile bidirectional low capacitance ESD protection diode
Rev. 2 - 18 February 2011
logo
NXP Semiconductors
PESD5V0L1BSF PHILIPS-PESD5V0L1BSF Datasheet
162Kb / 13P
   Ultra low profile bidirectional low capacitance ESD protection diode
Rev. 1-18 February 2011
PESD5V0S1BSF NXP-PESD5V0S1BSF Datasheet
298Kb / 13P
   Ultra low profile bidirectional low capacitance ESD protection diode
Rev. 1-12 November 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com