Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD24VS1UA Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESD24VS1UA
Description  Unidirectional ESD protection diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD24VS1UA Datasheet(HTML) 5 Page - NXP Semiconductors

  PESD24VS1UA_15 Datasheet HTML 1Page - NXP Semiconductors PESD24VS1UA_15 Datasheet HTML 2Page - NXP Semiconductors PESD24VS1UA_15 Datasheet HTML 3Page - NXP Semiconductors PESD24VS1UA_15 Datasheet HTML 4Page - NXP Semiconductors PESD24VS1UA_15 Datasheet HTML 5Page - NXP Semiconductors PESD24VS1UA_15 Datasheet HTML 6Page - NXP Semiconductors PESD24VS1UA_15 Datasheet HTML 7Page - NXP Semiconductors PESD24VS1UA_15 Datasheet HTML 8Page - NXP Semiconductors PESD24VS1UA_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PESD24VS1UA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 7 March 2011
5 of 13
NXP Semiconductors
PESD24VS1UA
Unidirectional ESD protection diode
f=1MHz; Tamb =25 °CVRWM =24V
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values
Fig 6.
Relative variation of reverse leakage current
as a function of junction temperature; typical
values
VR (V)
025
20
10
15
5
006aac520
20
30
10
40
50
Cd
(pF)
0
006aac521
1
10
10–1
Tj (°C)
–100
150
100
050
–50
IR
IR(25°C)
Fig 7.
V-I characteristics for a unidirectional ESD protection diode
006aaa407
−VCL −VBR −VRWM
−IRM
−IR
−IPP
V
I
P-N
+


Similar Part No. - PESD24VS1UA_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD24VS1UA115 NXP-PESD24VS1UA115 Datasheet
424Kb / 13P
   Unidirectional ElectroStatic Discharge (ESD) protection diode in a SOD323 (SC-76) very small Surface-Mounted Device (SMD) plastic package designed to protect one signal line from the damage caused by ESD and other transients.
Rev. 1-7 March 2011
More results

Similar Description - PESD24VS1UA_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD36VS1UL NXP-PESD36VS1UL Datasheet
502Kb / 11P
   Unidirectional ESD protection diode
Rev. 1-5 March 2012
PESD24VS1ULD PHILIPS-PESD24VS1ULD Datasheet
312Kb / 12P
   Unidirectional ESD protection diode
Rev. 1-19 October 2010
PESD15VS1ULD PHILIPS-PESD15VS1ULD Datasheet
307Kb / 12P
   Unidirectional ESD protection diode
Rev. 1-11 May 2011
PESD12VS1ULD PHILIPS-PESD12VS1ULD_15 Datasheet
309Kb / 12P
   Unidirectional ESD protection diode
Rev. 1-11 May 2011
logo
Nexperia B.V. All right...
PESD24VS1UA NEXPERIA-PESD24VS1UA Datasheet
987Kb / 13P
   Unidirectional ESD protection diode
PESD36VS1UJ NEXPERIA-PESD36VS1UJ Datasheet
218Kb / 10P
   Unidirectional ESD protection diode
PESD24VS1ULS NEXPERIA-PESD24VS1ULS Datasheet
227Kb / 11P
   Unidirectional ESD protection diode
28 January 2021
PESD15VS1ULD NEXPERIA-PESD15VS1ULD Datasheet
871Kb / 12P
   Unidirectional ESD protection diode
Rev. 1 - 11 May 2011
PESD24VS1UA-Q NEXPERIA-PESD24VS1UA-Q Datasheet
237Kb / 12P
   Unidirectional ESD protection diode
5 May 2022
PESD36VS1UJ-Q NEXPERIA-PESD36VS1UJ-Q Datasheet
233Kb / 11P
   Unidirectional ESD protection diode
1 June 2022
PESD8V0S1ULD-Q NEXPERIA-PESD8V0S1ULD-Q Datasheet
298Kb / 12P
   Unidirectional ESD protection diode
5 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com