Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-3120WG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-3120WG
Description  125/155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-3120WG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-3120WG_15 Datasheet HTML 1Page - Optoway Technology Inc SPS-3120WG_15 Datasheet HTML 2Page - Optoway Technology Inc SPS-3120WG_15 Datasheet HTML 3Page - Optoway Technology Inc SPS-3120WG_15 Datasheet HTML 4Page - Optoway Technology Inc SPS-3120WG_15 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-3120WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008 V2.0
1
SPS-3120WG / SPS-3120AWG
(RoHS Compliant)
3.3V / 1310 nm / 125/155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l Compliant with SONET OC-3 IR / SDH STM-1 (S-1.1)
l SFF-8472 Digital Diagnostic Function
l AC/AC Coupling according to MSA
l Distance up to 20 km
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: SPS-3120WG
l -40 to 85oC Operation: SPS-3120AWG
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l ATM Switches and Routers
l SONET / SDH Switch Infrastructure
l Fast Ethernet Applications
DESCRIPTION
The SPS-3120WG series single mode transceivers is small
form factor pluggable module for bi-directional serial
optical data communications such as SONET OC-3 / SDH
STM-1 and Fast Ethernet. It is with the SFP 20-pin
connector to allow hot plug capability. Digital diagnostic
functions are available via an I
2C. This module is designed
for single mode fiber and operates at a nominal wavelength
of 1310 nm. The transmitter section
uses
a multiple
quantum well laser
and is a class 1 laser compliant
according to International Safety Standard IEC-60825. The
receiver section uses an integrated InGaAs detector
preamplifier (IDP) mounted in an optical header and a
limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
SONET
/SDH
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPS-3120WG
125 / 155
IR-1/S-1.1
20
1310
LC SFP with DMI
0 to 70
-8 to -14
-31
Yes
SPS-3120AWG
125 / 155
IR-1/S-1.1
20
1310
LC SFP with DMI
-40 to 85
-8 to -14
-31
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-40
70
85
oC
SPS-3120WG
SPS-3120AWG
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Case Temperature
Topr
0
-40
70
85
oC / SPS-3120WG
oC / SPS-3120AWG
Power Supply Current
ICC (TX+RX)
200
300
mA
Data Rate
125/155
200
Mb/s


Similar Part No. - SPS-3120WG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-3120WG OPTOWAY-SPS-3120WG_08 Datasheet
147Kb / 5P
   3.3V / 1310 nm / 125/155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-3120WG_2015 OPTOWAY-SPS-3120WG_2015 Datasheet
147Kb / 5P
   155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-3120WG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-3131WG OPTOWAY-SPS-3131WG_15 Datasheet
147Kb / 5P
   125/155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-3150WG OPTOWAY-SPS-3150WG_15 Datasheet
147Kb / 5P
   125/155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-3150WG_2015 OPTOWAY-SPS-3150WG_2015 Datasheet
147Kb / 5P
   125/155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-3131WG_2015 OPTOWAY-SPS-3131WG_2015 Datasheet
147Kb / 5P
   125/155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-3151WG_2015 OPTOWAY-SPS-3151WG_2015 Datasheet
147Kb / 5P
   125/155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-3151WG OPTOWAY-SPS-3151WG_15 Datasheet
147Kb / 5P
   125/155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-3130WG OPTOWAY-SPS-3130WG_15 Datasheet
147Kb / 5P
   125/155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-33100W-CXX0G_2015 OPTOWAY-SPS-33100W-CXX0G_2015 Datasheet
150Kb / 5P
   155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-33120WG_2015 OPTOWAY-SPS-33120WG_2015 Datasheet
148Kb / 5P
   155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-33200W-CXX0G_2015 OPTOWAY-SPS-33200W-CXX0G_2015 Datasheet
151Kb / 5P
   155 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com