Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4041BIM3-1.2 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # LM4041BIM3-1.2
Description  Precision Micropower Shunt Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4041BIM3-1.2 Datasheet(HTML) 2 Page - Micrel Semiconductor

  LM4041BIM3-1.2 Datasheet HTML 1Page - Micrel Semiconductor LM4041BIM3-1.2 Datasheet HTML 2Page - Micrel Semiconductor LM4041BIM3-1.2 Datasheet HTML 3Page - Micrel Semiconductor LM4041BIM3-1.2 Datasheet HTML 4Page - Micrel Semiconductor LM4041BIM3-1.2 Datasheet HTML 5Page - Micrel Semiconductor LM4041BIM3-1.2 Datasheet HTML 6Page - Micrel Semiconductor LM4041BIM3-1.2 Datasheet HTML 7Page - Micrel Semiconductor LM4041BIM3-1.2 Datasheet HTML 8Page - Micrel Semiconductor LM4041BIM3-1.2 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LM4040/4041
Micrel
LM4040/4041
2
January 2000
Part Number *
Voltage
Accuracy,
Temp. Coefficient
LM4041AIM3-1.2
1.225V
±0.1%, 100ppm/°C
LM4041BIM3-1.2
1.225V
±0.2%, 100ppm/°C
LM4041CIM3-1.2
1.225V
±0.5%, 100ppm/°C
LM4041DIM3-1.2
1.225V
±1.0%, 150ppm/°C
LM4041CIM3-ADJ
1.24V to 10V
±0.5%, 100ppm/°C
LM4041DIM3-ADJ
1.24V to 10V
±1.0%, 150ppm/°C
Pin Configuration
1
2
3 –
FB
+
Adjustable Version
SOT-23 (M3) Package
Top View
Fixed Version
SOT-23 (M3) Package
Top View
1
2
3
+
Pin 3 must float or
be connected to pin 2.
Part Number *
Voltage
Accuracy,
Temp. Coefficient
LM4040AIM3-2.5
2.500V
±0.1%, 100ppm/°C
LM4040BIM3-2.5
2.500V
±0.2%, 100ppm/°C
LM4040CIM3-2.5
2.500V
±0.5%, 100ppm/°C
LM4040DIM3-2.5
2.500V
±1.0%, 150ppm/°C
LM4040AIM3-4.1
4.096V
±0.1%, 100ppm/°C
LM4040BIM3-4.1
4.096V
±0.2%, 100ppm/°C
LM4040CIM3-4.1
4.096V
±0.5%, 100ppm/°C
LM4040DIM3-4.1
4.096V
±1.0%, 150ppm/°C
LM4040AIM3-5.0
5.000V
±0.1%, 100ppm/°C
LM4040BIM3-5.0
5.000V
±0.2%, 100ppm/°C
LM4040CIM3-5.0
5.000V
±0.5%, 100ppm/°C
LM4040DIM3-5.0
5.000V
±1.0%, 150ppm/°C
Example
Field
Code
_ _ A
3rd Character
A =
±0.1%
B =
±0.2%
C =
±0.5%
D =
±1.0%
Example
Field
Code
_ 2 _
2nd Character 1 = 1.225V
2 = 2.500V
4 = 4.096V
5 = 5.000V
A = Adjustable
Example: R2C represents
Reference, 2.500V,
±0.5% (LM4040CIM3-2.5)
Note: If 3rd character is omitted, container will
indicate tolerance.
SOT-23 Package Markings
Example
Field
Code
R _ _
1st Character
R = Reference
Ordering Information


Similar Part No. - LM4041BIM3-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4041BIM3-1.2 NSC-LM4041BIM3-1.2 Datasheet
277Kb / 19P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041BIM3-1.2 TI1-LM4041BIM3-1.2 Datasheet
806Kb / 21P
[Old version datasheet]   LM4041 Precision Micropower Shunt Voltage Reference
LM4041BIM3-1.2 TI1-LM4041BIM3-1.2 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-1.2 TI1-LM4041BIM3-1.2 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041BIM3-1.2 TI1-LM4041BIM3-1.2 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4041BIM3-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com