Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1201L-X-T92-B Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SA1201L-X-T92-B
Description  SILICON PNP EPITAXIAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1201L-X-T92-B Datasheet(HTML) 1 Page - Unisonic Technologies

  2SA1201L-X-T92-B Datasheet HTML 1Page - Unisonic Technologies 2SA1201L-X-T92-B Datasheet HTML 2Page - Unisonic Technologies 2SA1201L-X-T92-B Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SA1201
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R204-024.E
SILICON PNP EPITAXIAL
TRANSISTOR
DESCRIPTION
The UTC 2SA1201 is designed for power amplifier and
voltage amplifier applications.
FEATURES
*High voltage: VCEO= -120V
*High transition frequency: fT=120MHz(typ.)
*Pc=1 to 2 W(mounted on ceramic substrate)
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
-
2SA1201G-x-AB3-R
SOT-89
B
C
E
Tape Reel
2SA1201L-x-T92-B
2SA1201G-x-T92-B
TO-92
E
C
B
Tape Box
2SA1201L-x-T92-K
2SA1201G-x-T92-K
TO-92
E
C
B
Bulk
Note: Pin Assignment: B: Base
C: Collector
E: Emitter
MARKING
SOT-89
TO-92


Similar Part No. - 2SA1201L-X-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1201L-X-AB3-R UTC-2SA1201L-X-AB3-R Datasheet
77Kb / 2P
   SILICON PNP EPITAXIAL TRANSISTOR
More results

Similar Description - 2SA1201L-X-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com