Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9018G-X-T92-K Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 9018G-X-T92-K
Description  AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

9018G-X-T92-K Datasheet(HTML) 3 Page - Unisonic Technologies

  9018G-X-T92-K Datasheet HTML 1Page - Unisonic Technologies 9018G-X-T92-K Datasheet HTML 2Page - Unisonic Technologies 9018G-X-T92-K Datasheet HTML 3Page - Unisonic Technologies 9018G-X-T92-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
9018
NPN EPITAXIAL PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R201-025.C
TYPICAL CHARACTERISTICS
Static Characteristics
Collector-Emitter Voltage, VCE ( V)
02
4
6
8
10
10
9
8
7
6
5
4
3
2
1
0
13
5
7
9
IB=90µA
IB=80µA
IB=70µA
IB=50µA
IB=60µA
IB=40µA
IB=30µA
IB=20µA
IB=10µA
DC Current Gain
Collector Current, IC (mA)
110
10
1000
VCE=5V
100
110
Current Gain Bandwidth Product
0.1
100
1000
Collector Current, IC (mA)
VCE=5V


Similar Part No. - 9018G-X-T92-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9018G-x-T92-K UTC-9018G-x-T92-K Datasheet
67Kb / 2P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
More results

Similar Description - 9018G-X-T92-K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS9018 FAIRCHILD-SS9018 Datasheet
40Kb / 4P
   AM/FM Amplifier, Local Oscillator of FM/VHF Tuner
logo
MAKO SEMICONDUCTOR CO.,...
S9018 MAKOSEMI-S9018 Datasheet
114Kb / 3P
   AM/FM Amplifier, Local Oscillator of FM/VHF Tuner
logo
Unisonic Technologies
9018 UTC-9018 Datasheet
67Kb / 2P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
MMBT9018 UTC-MMBT9018_15 Datasheet
108Kb / 4P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
MMBT9018 UTC-MMBT9018_10 Datasheet
132Kb / 4P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
logo
List of Unclassifed Man...
S9018 ETC-S9018 Datasheet
36Kb / 1P
   AM/FM IF AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
2SC9018 ETC-2SC9018 Datasheet
73Kb / 2P
   AM/FM IF AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
logo
Unisonic Technologies
MMBT9018 UTC-MMBT9018 Datasheet
104Kb / 3P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER NPN EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
G9018 ETL-G9018 Datasheet
170Kb / 2P
   The G9018 is designed for use in AM/FM amplifier and local oscillator of FM/VHF tuner
logo
Panasonic Semiconductor
AN7222N PANASONIC-AN7222N Datasheet
307Kb / 5P
   AM Tuner, FM-AM IF Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com