Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL94203IRTZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL94203IRTZ
Description  3-to-8 Cell Li-ion Battery Pack Monitor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL94203IRTZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL94203IRTZ Datasheet HTML 6Page - Intersil Corporation ISL94203IRTZ Datasheet HTML 7Page - Intersil Corporation ISL94203IRTZ Datasheet HTML 8Page - Intersil Corporation ISL94203IRTZ Datasheet HTML 9Page - Intersil Corporation ISL94203IRTZ Datasheet HTML 10Page - Intersil Corporation ISL94203IRTZ Datasheet HTML 11Page - Intersil Corporation ISL94203IRTZ Datasheet HTML 12Page - Intersil Corporation ISL94203IRTZ Datasheet HTML 13Page - Intersil Corporation ISL94203IRTZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
ISL94203
10
FN7626.4
August 17, 2015
Submit Document Feedback
CELL VOLTAGE MONITOR SPECIFICATIONS
Cell Monitor Voltage Accuracy
VADCR
Relative Cell Measurement Error
(Max absolute cell measurement error -
Min absolute cell measurement error)
VCn - VC(n-1) = 2.4V to 4.2V; 0°C to +60°C
VCn - VC(n-1) = 0.1V to 4.7V; 0°C to +60°C
VCn - VC(n-1) = 0.1V to 4.7V; -40°C to +85°C
3.0
10
15
30
mV
Cell Monitor Voltage Accuracy
VADC
Absolute Cell Measurement Error
(Cell measurement error compared with
voltage at the cell)
VCn - VC(n-1) = 2.4V to 4.2V; 0°C to +60°C
VCn - VC(n-1) = 0.1V to 4.7V; 0°C to +60°C
VCn - VC(n-1) = 0.1V to 4.7V; -40°C to +85°C
-15
-20
-30
15
20
30
mV
VBATT Voltage Accuracy
VBATT
VBATT - [VBB:VB0]10*32*1.8/4095;
0°C to +60°C
-40°C to +85°C
-200
-270
200
270
mV
CURRENT SENSE AMPLIFIER SPECIFICATIONS
Charge Current Threshold
VCCTH
VCS1-VCS2, CHING indicates charge current
VCS1 = 26.4V
-100
μV
Discharge Current Threshold
VDCTH
VCS1-VCS2, DCHING indicates discharge
current; VCS1 = 26.4V
100
μV
Current Sense Accuracy
VIA1
VIA1 = ([ISNSB:ISNS0]10*1.8/4095)/5;
CHING bit set
Gain = 5
VCS1 = 26.4V, VCS2 - VCS1 = + 100mV
97
102
107
mV
VIA2
VIA2 = ([ISNSB:ISNS0]10*1.8/4095)/5;
DCHING bit set
Gain = 5
VCS1 = 26.4V, VCS2 - VCS1 = - 100mV
-107
-102
-97
mV
VIA3
VIA3 = ([ISNSB:ISNS0]10*1.8/4095)/50;
CHING bit set
Gain = 50
VCS1 = 26.4V, VCS2 - VCS1 = + 10mV
8.0
10.0
12.0
mV
VIA4
VIA4 = ([ISNSB:ISNS0]10*1.8/4095)/50;
DCHING bit set
Gain = 50
VCS1 = 26.4V, VCS2 - VCS1 = - 10mV
-12.0
-10.0
-8.0
mV
VIA5
VIA3 = ([ISNSB:ISNS0]10*1.8/4095)/500;
CHING bit set
Gain = 500
VCS1 = 26.4V, VCS2 - VCS1 = + 1mV
0°C to +60°C
-40°C to +85°C
0.5
0.4
1.0
1.5
1.6
mV
VIA6
VIA4 = ([ISNSB:ISNS0]10*1.8/4095)/500;
DCHING bit set.
Gain = 500
VCS1=26.4V, VCS2 - VCS1 = - 1mV
0°C to +60°C
-40°C to +85°C
-1.5
-1.6
-1.0
-0.5
-0.4
mV
Electrical Specifications VDD = 26.4V, TA = -40°C to +85°C, unless otherwise specified. Boldface specification limits apply across
operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITION
MIN
(Note 7)TYP
MAX
(Note 7)UNITS


Similar Part No. - ISL94203IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 64P
   3-to-8 Cell Li-ion Battery Pack Monitor
logo
Renesas Technology Corp
ISL94203IRTZ RENESAS-ISL94203IRTZ Datasheet
2Mb / 64P
   3-to-8 Cell Li-ion Battery Pack Monitor
logo
Intersil Corporation
ISL94203IRTZ-T INTERSIL-ISL94203IRTZ-T Datasheet
1Mb / 64P
   3-to-8 Cell Li-ion Battery Pack Monitor
logo
Renesas Technology Corp
ISL94203IRTZ-T RENESAS-ISL94203IRTZ-T Datasheet
2Mb / 64P
   3-to-8 Cell Li-ion Battery Pack Monitor
logo
Intersil Corporation
ISL94203IRTZ-T7 INTERSIL-ISL94203IRTZ-T7 Datasheet
1Mb / 64P
   3-to-8 Cell Li-ion Battery Pack Monitor
More results

Similar Description - ISL94203IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL94203 RENESAS-ISL94203 Datasheet
2Mb / 64P
   3-to-8 Cell Li-ion Battery Pack Monitor
logo
Intersil Corporation
ISL94203 INTERSIL-ISL94203 Datasheet
1Mb / 64P
   3-to-8 Cell Li-ion Battery Pack Monitor
logo
Renesas Technology Corp
ISL94202 RENESAS-ISL94202_V01 Datasheet
1Mb / 153P
   Standalone 3 to 8 Cell Li-Ion Battery Pack Monitor
Oct.14.19
ISL94202 RENESAS-ISL94202 Datasheet
3Mb / 89P
   Series Charge/Discharge Path 3-to-8 Cell Li-Ion Battery Pack Monitor
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
logo
Renesas Technology Corp
X3102 RENESAS-X3102 Datasheet
1Mb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
logo
Unisonic Technologies
UB244A UTC-UB244A Datasheet
179Kb / 11P
   LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
UB244A UTC-UB244A_17 Datasheet
221Kb / 11P
   LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
logo
Intersil Corporation
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com