Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL89412IBZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL89412IBZ
Description  High Speed, Dual Channel Power MOSFET Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL89412IBZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL89412IBZ Datasheet HTML 1Page - Intersil Corporation ISL89412IBZ Datasheet HTML 2Page - Intersil Corporation ISL89412IBZ Datasheet HTML 3Page - Intersil Corporation ISL89412IBZ Datasheet HTML 4Page - Intersil Corporation ISL89412IBZ Datasheet HTML 5Page - Intersil Corporation ISL89412IBZ Datasheet HTML 6Page - Intersil Corporation ISL89412IBZ Datasheet HTML 7Page - Intersil Corporation ISL89412IBZ Datasheet HTML 8Page - Intersil Corporation ISL89412IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FN6798.1
July 1, 2009
Absolute Maximum Ratings
Thermal Information
Supply (V+ to GND) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19.0V
Input Pins . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V above V+
Combined Peak Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . .4A
Maximum Recommended Operating Conditions
Recommended Operating V+ Range. . . . . . . . . . . . . . 4.5V to 18.0V
Input Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to V+
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Power Dissipation
8 Ld SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 570mW
8 Ld PDIP* . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1050mW
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through-hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
TA = +25°C, V = 18V unless otherwise specified; Parameters with MIN and/or MAX limits are 100% tested
at +25°C, unless otherwise specified. Temperature limits established by characterization and are not
production tested.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
VIH
Logic “1” Input Voltage
2.4
V
IIH
Logic “1” Input Current
@V+
0.1
10
µA
VIL
Logic “0” Input Voltage
0.8
V
IIL
Logic “0” Input Current
@0V
0.1
10
µA
VHVS
Input Hysteresis
0.3
V
OUTPUT
ROH
Pull-Up Resistance
IOUT = -100mA
3
6
Ω
ROL
Pull-Down Resistance
IOUT = +100mA
4
6
Ω
IPK
Peak Output Current
Source
2
A
Sink
2
A
IDC
Continuous Output Current
Source/Sink
100
mA
POWER SUPPLY
IS
Power Supply Current
Inputs High/ISL89410
4.5
7.5
mA
Inputs High/ISL89411
1
2.5
mA
Inputs High/ISL89412
2.5
5.0
mA
VS
Operating Voltage
4.5
18
V
AC Electrical Specifications
TA = +25°C, V = 18V unless otherwise specified.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SWITCHING CHARACTERISTICS
tR
Rise Time (Note 1)
CL = 500pF
7.5
ns
CL = 1000pF
10
20
ns
tF
Fall Time (Note 1)
CL = 500pF
10
ns
CL = 1000pF
13
20
ns
tD1
Turn-On Delay Time (Note 1)
See “Timing Table” on page 4
18
25
ns
tD2
Turn-Off Delay Time (Note 1)
See“Timing Table” on page 4
20
25
ns
NOTE:
1. Limits established by characterization and are not production tested.
ISL89410, ISL89411, ISL89412


Similar Part No. - ISL89412IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89412IBZ INTERSIL-ISL89412IBZ Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89412IBZ INTERSIL-ISL89412IBZ Datasheet
228Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Renesas Technology Corp
ISL89412IBZ RENESAS-ISL89412IBZ Datasheet
568Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Intersil Corporation
ISL89412IBZ-T13 INTERSIL-ISL89412IBZ-T13 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89412IBZ-T13 INTERSIL-ISL89412IBZ-T13 Datasheet
228Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
More results

Similar Description - ISL89412IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Elantec Semiconductor
EL7202C ELANTEC-EL7202C Datasheet
219Kb / 8P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Intersil Corporation
EL7202 INTERSIL-EL7202 Datasheet
126Kb / 7P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202 INTERSIL-EL7202_06 Datasheet
200Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202CN INTERSIL-EL7202CN Datasheet
204Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410 INTERSIL-ISL89410_09 Datasheet
228Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Renesas Technology Corp
EL7202 RENESAS-EL7202 Datasheet
522Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410 RENESAS-ISL89410 Datasheet
568Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Microchip Technology
TC426COA713 MICROCHIP-TC426COA713 Datasheet
528Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
02/16/06
logo
TelCom Semiconductor, I...
TC4426 TELCOM-TC4426 Datasheet
75Kb / 6P
   1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com