Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97634IRT14Z-TK Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL97634IRT14Z-TK
Description  White LED Driver with Wide PWM Dimming Range
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97634IRT14Z-TK Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL97634IRT14Z-TK Datasheet HTML 3Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 4Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 5Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 6Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 7Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 8Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 9Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 10Page - Intersil Corporation ISL97634IRT14Z-TK Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ISL97634
7
FN6264.4
August 27, 2013
however, the dimming linearity is compromised at low duty
cycles as their durations are too short for the ISL97634’s control
loop to respond properly. This non-ideality behavior does not
cause any functional problem. The PWM dimming linear
responses in Figure 6 are expanded in Figure 11. At 1kHz PWM
dimming, the duty cycle can virtually vary from below 1% to DC.
On the other hand, at 20kHz PWM dimming, the linearity range is
from 5% to DC only.
The low level non-linearity effects at high frequency PWM
dimming is also reflected in the efficiency measurements in
Figure 12.
Feedback Disconnect Switch
The ISL97634 functions properly without using the FBSW.
However, the output capacitor will discharge during the PWM off
time resulting in poor dimming linearity at low duty cycles. The
output discharge effect can be seen in Figure 13. Moreover, the
output is modulated by the PWM signal that may create
interference to other systems.
.
The FBSW should be used for PWM dimming as illustrated in the
“Typical Application Circuit” on page 1. During the PWM off time,
the FBSW is opened. The LEDs are floating and therefore the
output capacitor has no path to discharge. The LED current
responds accurately with the PWM signal (see Figure 14). The
output switches very quickly to the target current with minimal
settling ringing and without being modulated by the PWM signal,
and therefore minimizes any system disturbance.
Overvoltage Protection
The ISL97634 comes with overvoltage protection. The OVP trip
points are at 14V, 18V and 26V for ISL97634IRT14Z,
ISL97634IRT18Z and ISL97634IRT26Z respectively. The
maximum LED current and OVP threshold are shown in Table 1.
When the device reaches the OVP, the LX stops switching,
disabling the boost circuit until VOUT falls about 7% below the OVP
threshold. At this point, LX will be allowed to switch again. The OVP
event will not cause the device to shutdown.
An output capacitor that is only rated for the required voltage
range can therefore be used, which will optimize the component
costs in some cases.
FIGURE 11. DIMMING LINEARITY vs DUTY CYCLES ZOOM IN
0
1
2
3
4
5
6
7
8
9
10
02468
10
12
DUTY CYCLE (%)
7 LEDs
VIN = 4V
RSET = 4
Ω
L = 10µH
20kHz
32kHz
1kHz
FIGURE 12. EFFICIENCY vs PWM DIMMING FREQUENCIES
50
55
60
65
70
75
80
85
90
0
5
10
15
20
25
30
ILED (mA)
VIN = 4V
RSET = 4
Ω
L = 22µH
3 LEDs
ILED
PWM/EN
LX
VOUT
VIN = 4V
R1 = 4
Ω
L1 = 22µH
FIGURE 13. PWM DIMMING AT 1kHz WITHOUT USING FBSW
FIGURE 14. PWM DIMMING AT 1kHz USING FBSW
ILED
PWM/EN
LX
VOUT
VIN = 4V
R1 = 4
Ω
L1 = 22µH


Similar Part No. - ISL97634IRT14Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97634IRT14Z-TK INTERSIL-ISL97634IRT14Z-TK Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
ISL97634IRT14Z-TK INTERSIL-ISL97634IRT14Z-TK Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Renesas Technology Corp
ISL97634IRT14Z-TK RENESAS-ISL97634IRT14Z-TK Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
More results

Similar Description - ISL97634IRT14Z-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97634 RENESAS-ISL97634 Datasheet
875Kb / 12P
   White LED Driver with Wide PWM Dimming Range
logo
Intersil Corporation
ISL97634 INTERSIL-ISL97634_08 Datasheet
460Kb / 10P
   White LED Driver with Wide PWM Dimming Range
ISL97634 INTERSIL-ISL97634 Datasheet
471Kb / 10P
   White LED Driver with Wide PWM Dimming Range
logo
Silan Microelectronics ...
SD42511 SILAN-SD42511 Datasheet
645Kb / 9P
   1A WHITE LED DRIVER WITH PWM DIMMING CONTROLLER
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
BCD Semiconductor Manuf...
AP3605 BCDSEMI-AP3605_10 Datasheet
702Kb / 13P
   4-Channel Charge Pump LED Driver with Current Balancing and Wide Range PWM Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
ISL97632 INTERSIL-ISL97632_08 Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com