Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97636IRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL97636IRZ
Description  8-Channel LED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97636IRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL97636IRZ Datasheet HTML 5Page - Intersil Corporation ISL97636IRZ Datasheet HTML 6Page - Intersil Corporation ISL97636IRZ Datasheet HTML 7Page - Intersil Corporation ISL97636IRZ Datasheet HTML 8Page - Intersil Corporation ISL97636IRZ Datasheet HTML 9Page - Intersil Corporation ISL97636IRZ Datasheet HTML 10Page - Intersil Corporation ISL97636IRZ Datasheet HTML 11Page - Intersil Corporation ISL97636IRZ Datasheet HTML 12Page - Intersil Corporation ISL97636IRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
FN6570.0
May 9, 2008
Pinout
ISL97636
(24 LD QFN)
TOP VIEW
GND
GND
FPWM
VLEVEL
GND
PWMI/EN
PGND
PGND
OVP
IIN0
IIN1
IIN2
1
2
3
4
5
6
18
17
16
15
14
13
24
23
22
21
20
19
78
9
10
11
12
Pin Descriptions (I = Input, O = Output, S = Supply)
PIN
NAME
TYPE
DESCRIPTION
1, 2
GND
S
Analog GND
3
FPWM
-
Not used. Leave floating and connect anything will have no effect on operation.
4
VLEVEL
-
Not used. Leave floating and connect anything will have no effect on operation.
5
GND
S
Analog GND and LED power return
6
EN/PWMI
I
Dual Functions: Enable Pin and PWM brightness control pin. DO NOT leave EN/PWMI floating. The device needs 40µs
for initial power-up Enable, then this pin can be applied with a PWM signal with off time no longer than 28ms.
7
IIN7
I
Input 7 to current source, FB, and monitoring
8
IIN6
I
Input 6 to current source, FB, and monitoring
9
IIN5
I
Input 5 to current source, FB, and monitoring
10
IIN4
I
Input 4 to current source, FB, and monitoring
11
RSET
I
Resistor connection for setting LED current, (see Equation 1 for calculating the ILEDpeak)
12
IIN3
I
Input 3 to current source, FB, and monitoring
13
IIN2
I
Input 2 to current source, FB, and monitoring
14
IIN1
I
Input 1 to current source, FB, and monitoring
15
IIN0
I
Input 0 to current source, FB, and monitoring
16
OVP
I
Overvoltage protection input
17
PGND
S
Power ground (LX Power return)
18
PGND
S
Power ground (LX Power return)
19
LX
I
Input to boost switch
20
LX
I
Input to boost switch
21
FAULT
O
Fault disconnect switch
22
COMP
O
Boost compensation pin
23
VIN
S
Input voltage for the device and LED power
24
VDC
S
De-couple capacitor for internally generated supply rail. If 2.7V < VBL+ < 5.5V, apply VDC directly with a supply voltage
of 2.7V to 5.5V
ISL97636


Similar Part No. - ISL97636IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97636IRZ INTERSIL-ISL97636IRZ Datasheet
652Kb / 18P
   8-Channel LED Driver
logo
Renesas Technology Corp
ISL97636IRZ RENESAS-ISL97636IRZ Datasheet
1Mb / 18P
   8-Channel LED Driver
More results

Similar Description - ISL97636IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
   8-Channel LED Driver
logo
Renesas Technology Corp
ISL97636 RENESAS-ISL97636 Datasheet
1Mb / 18P
   8-Channel LED Driver
logo
Intersil Corporation
ISL97635IRZ INTERSIL-ISL97635IRZ Datasheet
741Kb / 28P
   SMBus 8-Channel LED Driver
December 22, 2008
logo
Renesas Technology Corp
ISL97635 RENESAS-ISL97635 Datasheet
1Mb / 28P
   SMBus 8-Channel LED Driver
logo
Intersil Corporation
ISL97635 INTERSIL-ISL97635 Datasheet
744Kb / 28P
   SMBus 8-Channel LED Driver
logo
Rohm
BD6142AMUV ROHM-BD6142AMUV_12 Datasheet
793Kb / 34P
   8-Channel White LED Driver
logo
Linear Technology
LT3760 LINER-LT3760_15 Datasheet
429Kb / 32P
   8-Channel 100mA LED Driver
logo
Catalyst Semiconductor
CAT4008 CATALYST-CAT4008 Datasheet
258Kb / 14P
   8-Channel Constant Current LED Driver
logo
Intersil Corporation
ISL97678 INTERSIL-ISL97678 Datasheet
927Kb / 18P
   8-Channel 45V 50mA LED Driver
logo
Renesas Technology Corp
ISL97677 RENESAS-ISL97677 Datasheet
1Mb / 24P
   SMBus/I2C 8-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com