Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-7110VW-1TG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-7110VW-1TG
Description  1.5 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-7110VW-1TG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-7110VW-1TG_15 Datasheet HTML 1Page - Optoway Technology Inc SPS-7110VW-1TG_15 Datasheet HTML 2Page - Optoway Technology Inc SPS-7110VW-1TG_15 Datasheet HTML 3Page - Optoway Technology Inc SPS-7110VW-1TG_15 Datasheet HTML 4Page - Optoway Technology Inc SPS-7110VW-1TG_15 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-7110VW-1TG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2008 V1.0
1
SPS-7110VW-1TG
(RoHS Compliant)
1310 nm / 1.5 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
**********************************************************************************************************************************************************************
FEATURES
l SMPTE 292M/297M/259M Compatible
l Speed from 50 Mbps to 1.5 Gbps
l Support Video Pathological Patterns for SD-SDI and
HD-SDI
l Single Transmitter with Simplex LC
l Based on Industry Standard SFP
l SFF-8472 Digital Diagnostic Function
l TTL Laser Disable Input
l Single +3.3 V Power Supply
l RoHS-6 Compliant
l 0 to 70oC Operation
l Hot Pluggable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l SMPTE 292M/297M/259M Compliant
Electrical-to-Optical Interfaces
l High-density Video Routers
DESCRIPTION
The SPS-7110VW-1TG is a single channel optical single
mode transmitter module designed to transmit optical serial
digital signals as defined in SMPTE 292M/297M/259M. It
supports from 50 Mbps to 1.5 Gbps and is specifically
designed for transmitted the SMPTE 292M, SMPTE 297M
and SMPTE 259M SDI pathological patterns. It is with the
SFP 20-pin connector to allow hot plug capability. Digital
diagnostic functions are available via an I
2C. It is with two
independent 1310 nm laser transmitters. Each transmitter
can transmit signal from 50 Mbps to 1.5 Gbps with up to 30
km
of
single-mode
fiber
when
using
the
SPS-7110VW-1RG as the receiver. A maximum distance of
21 km is achievable with 1.5 Gbps pathological signals.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11. The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
TX1
TX2
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Power
(dBm)
λ
(nm)
Power
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPS-7110VW-1TG
1-TX
50 to 1500
1310
0 to -7
LC SFP with DMI
0 to 70
Yes
RELATED PRODUCTS
RX1
RX2
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Sen.
(dBm)
λ
(nm)
Sen.
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPS-7110VW-1RG
1-RX
50 to 1500 1260/1620
0 to -20
LC SFP with DMI
0 to 70
Yes
LINK DISTANCE
Transmitter
Receiver
SDI
Bit Rate
Max. Link Distance (km)
HD-SDI
1.485Gbps
21
SPS-7110VW-1TG
SPS-7110VW-1RG
SD-SDI
270Mbps
30


Similar Part No. - SPS-7110VW-1TG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7110VW-1TG_2015 OPTOWAY-SPS-7110VW-1TG_2015 Datasheet
140Kb / 5P
   1.5 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
More results

Similar Description - SPS-7110VW-1TG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-7110VW-1TG_2015 OPTOWAY-SPS-7110VW-1TG_2015 Datasheet
140Kb / 5P
   1.5 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-7110VW-1T1RG_2015 OPTOWAY-SPS-7110VW-1T1RG_2015 Datasheet
176Kb / 6P
   1.5 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-7110VW-1T1RG OPTOWAY-SPS-7110VW-1T1RG_15 Datasheet
176Kb / 6P
   1.5 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-7110VW-2TG_2015 OPTOWAY-SPS-7110VW-2TG_2015 Datasheet
109Kb / 5P
   1.5 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-7110VW-2TG OPTOWAY-SPS-7110VW-2TG_15 Datasheet
109Kb / 5P
   1.5 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9380VW-CXXG_2015 OPTOWAY-SPS-9380VW-CXXG_2015 Datasheet
145Kb / 5P
   3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9380VW-1TG_2015 OPTOWAY-SPS-9380VW-1TG_2015 Datasheet
141Kb / 5P
   3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9330VW-CXXG OPTOWAY-SPS-9330VW-CXXG_15 Datasheet
146Kb / 5P
   3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9130VW-1TG_2015 OPTOWAY-SPS-9130VW-1TG_2015 Datasheet
141Kb / 5P
   3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9350VW-CXXG OPTOWAY-SPS-9350VW-CXXG_15 Datasheet
146Kb / 5P
   3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com