Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-9102MWG Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # SPS-9102MWG
Description  Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9102MWG Datasheet(HTML) 2 Page - Optoway Technology Inc

  SPS-9102MWG_15 Datasheet HTML 1Page - Optoway Technology Inc SPS-9102MWG_15 Datasheet HTML 2Page - Optoway Technology Inc SPS-9102MWG_15 Datasheet HTML 3Page - Optoway Technology Inc SPS-9102MWG_15 Datasheet HTML 4Page - Optoway Technology Inc SPS-9102MWG_15 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optoway
SPS-9102MWG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008 V2.0
2
Transmitter Specifications (-10
oC < Topr < 85oC, 3.1V < Vcc < 3.5V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Optical Transmit Power
Po
-9.5
---
-3
dBm
1
Output Center Wavelength
λ
1270
1310
1350
nm
Output Spectrum Width
∆λ
---
---
3
nm
RMS (σ)
Extinction Ratio
ER
8.2
---
---
dB
Output Eye
Compliant with Telecordia GR-253-GORE and ITU-T Recommendation G.957
Optical Rise Time
tr
150
ps
20 % to 80% Values
Optical Fall Time
tf
150
ps
20 % to 80% Values
Relative Intensity Noise
RIN
-120
dB/Hz
Electrical
Data Input Current – Low
IIL
-350
µA
Data Input Current – High
IIH
350
µA
Differential Input Voltage
VIH - VIL
0.5
2.4
V
Peak-to-Peak
TX Disable Input Voltage – Low
TDIS, L
0
0.5
V
2
TX Disable Input Voltage – High
TDIS, H
2.0
Vcc
V
2
TX Disable Assert Time
T
_
off
10
µs
TX Disable Negate Time
T
_
on
1
ms
TX Fault Output Voltage -- Low
TFaultL
0
0.5
V
3
TX Fault Output Voltage -- High
TFaultH
2.0
Vcc+0.3
V
3
1. Output power is power coupled into a 9/125
µm single mode fiber.
2. There is an internal 4.7K to 10K ohm pull-up resistor to VccTX.
3. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
Receiver Specifications (-10
oC < Topr < 85oC, 3.1V < Vcc < 3.5V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
Sensitivity @ OC-48
Sens1
-3
-18
dBm
4
Sensitivity @2X Fibre Channal
Sens2
-3
-19
dBm
5
Sensitivity @Gigabit Ethernet
Sens3
-3
-20
dBm
5
Sensitivity @OC-12
Sens4
-3
-22
dBm
4
Sensitivity @OC-3
Sens5
-10
-22
dBm
4
Signal Detect -- Asserted
Pa
---
-18
dBm
Transition: low to high
Signal Detect -- Deasserted
Pd
-33
---
---
dBm
Transition: high to low
Signal detect -- Hysteresis
1.0
---
dB
Wavelength of Operation
1100
---
1600
nm
Electrical
Differential Output Voltage
VOH – VOL
0.6
2.0
V
Output LOS Voltage -- Low
VOL
0
0.5
V
6
Output LOS Voltage -- High
VOH
2.0
Vcc+0.3
V
6
LOS Assert Time
T
_
loss
_
on
100
µs
LOS Deassert Time
T
_
loss
_
off
100
µs
4. Measured at 2
23-1 PRBS at BER 1E-10 @ 1300 nm.
5. Measured at 2
7-1 PRBS at BER 1E-12 @1300nm.
6. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).


Similar Part No. - SPS-9102MWG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9102MWG OPTOWAY-SPS-9102MWG_08 Datasheet
150Kb / 5P
   3.3V / 1310 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9102MWG_2015 OPTOWAY-SPS-9102MWG_2015 Datasheet
150Kb / 5P
   Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-9102MWG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93120MW-CXX0G OPTOWAY-SPS-93120MW-CXX0G_15 Datasheet
160Kb / 5P
   Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120MWG OPTOWAY-SPS-93120MWG_15 Datasheet
150Kb / 5P
   Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9115MWG_2015 OPTOWAY-SPS-9115MWG_2015 Datasheet
149Kb / 5P
   Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120MW-CXX0G_2015 OPTOWAY-SPS-93120MW-CXX0G_2015 Datasheet
160Kb / 5P
   Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100MW-CXX0G OPTOWAY-SPS-93100MW-CXX0G_15 Datasheet
152Kb / 5P
   Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MW-CXX0G OPTOWAY-SPS-9380MW-CXX0G_15 Datasheet
153Kb / 5P
   Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100MW-CXX0G_2015 OPTOWAY-SPS-93100MW-CXX0G_2015 Datasheet
152Kb / 5P
   Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MWG OPTOWAY-SPS-9380MWG_15 Datasheet
150Kb / 5P
   Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120MWG_2015 OPTOWAY-SPS-93120MWG_2015 Datasheet
150Kb / 5P
   Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-9140MWG_2015 OPTOWAY-SPS-9140MWG_2015 Datasheet
150Kb / 5P
   Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com