Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP41CL-X-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TIP41CL-X-TA3-T
Description  NPN EXPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP41CL-X-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  TIP41CL-X-TA3-T Datasheet HTML 1Page - Unisonic Technologies TIP41CL-X-TA3-T Datasheet HTML 2Page - Unisonic Technologies TIP41CL-X-TA3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TIP41C
NPN PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R203-008.I
ABSOLUTE MAXIMUM RATINGS (TC=25C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5
V
DC
6
A
Collector Current
Pulse
IC
10
A
Base Current
IB
2
A
TO-220
65
TO-220F
22
TC=25C
TO-252
25
W
TO-220
2
TO-220F
0.7
Collector Dissipation
TA=25C
TO-252
PC
0.75
W
Junction Temperature
TJ
150
C
Storage Temperature
TSTG
-65 ~ +150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Emitter Base Breakdown Voltage
BVEBO
IE=100μA, IC=0
5
V
Collector Base Breakdown Voltage
BVCBO
IE=100μA, IC=0
100
V
Collector Emitter Sustaining Voltage (Note)
VCEO
IC=30mA, IB=0
100
V
Collector Cutoff Current
ICEO
VCE=60V, IB=0
0.7
mA
Collector Cutoff Current
ICES
VCE=100V, VEB=0
400
μA
Emitter Cutoff Current
IEBO
VEB=5V, IC=0
1
mA
Collector-Emitter Saturation Voltage (Note)
VCE(SAT) IC=6A, IB=600mA
1.5
V
Base-Emitter On Voltage (Note)
VBE(ON)
IC=6A, VCE=4V
2.0
V
hFE1
IC=300mA, VCE=4V
30
DC Current Gain (Note)
hFE2
IC=3A, VCE=4V
15
75
Current Gain Bandwidth Product
fT
VCE=10V, IC=500mA, f=1MHz
3
MHz
Note: Pulse Test: PW≦300μs, Duty Cycle≦2%
CLASSIFICATION OF hFE2
RANK
A
B
C
RANGE
15~30
28~48
45~75


Similar Part No. - TIP41CL-X-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TIP41CL-X-TA3-T UTC-TIP41CL-X-TA3-T Datasheet
217Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - TIP41CL-X-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
BU407 UTC-BU407_15 Datasheet
140Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C_15 Datasheet
170Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C_09 Datasheet
176Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
BU407 UTC-BU407 Datasheet
52Kb / 2P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C Datasheet
131Kb / 2P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C_15 Datasheet
217Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
BU407 UTC-BU407_09 Datasheet
140Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP31C UTC-TIP31C Datasheet
56Kb / 2P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP41C UTC-TIP41C_11 Datasheet
146Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
TIP32C UTC-TIP32C Datasheet
123Kb / 2P
   PNP EXPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com