Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2985 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS2985
Description  Uses standard 27MHz crystal
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2985 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS2985 Datasheet HTML 7Page - Gennum Corporation GS2985 Datasheet HTML 8Page - Gennum Corporation GS2985 Datasheet HTML 9Page - Gennum Corporation GS2985 Datasheet HTML 10Page - Gennum Corporation GS2985 Datasheet HTML 11Page - Gennum Corporation GS2985 Datasheet HTML 12Page - Gennum Corporation GS2985 Datasheet HTML 13Page - Gennum Corporation GS2985 Datasheet HTML 14Page - Gennum Corporation GS2985 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
GS2985 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
36663 - 5
July 2012
11 of 45
Proprietary & Confidential
2.3 AC Electrical Characteristics
VIH (2.5V operation)
VOUT
≥VOH, min
1.7
VDD
+0.3
V
VIH (3.3V operation)
VOUT
≥VOH, min
2
VDD
+0.3
V
IIN
VIN = 0V or VIN = VDD
+/-10
+/-20
μA
VOL (2.5V operation)
VDD = min, IOL = 100
μA
−−
0.4
V
VOL (3.3V operation)
VDD = min, IOL = 100
μA
−−
0.4
V
VOH (2.5V operation)
VDD = min, IOH = -100
μA
2.1
−−
V
VOH (3.3V operation)
VDD = min, IOH = -100
μA
VDD
-0.4
−−
V
Hysteresis Voltage (SPI inputs)
2.5V operation
350
mV
3.3V operation
420
mV
Table 2-1: DC Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Table 2-2: AC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial Input Data Rate
(for reclocking)
DRSDO
0.27
2.97
Gb/s
Serial Input Data Rate
(bypass)
DC
2.97
Gb/s
SPI Operating Speed
−−
10
MHz
Input Voltage Swing
ΔVSDI
set ATTEN_EN = 1 for
ΔVSDI>1V
pp
100
2000
mVp-pd
Output Voltage Swing
ΔVOD
default
300
400
500
mVp-pd
see DRIVER_1 register
(0x01) addresses 8 & 9 in
4.15.14 Host Register
Map.
600
800
1000
mVp-pd
Input Trace Equalization
LOW
Recommended setting for 0 to 10
inches of FR4
MED
Recommended setting for 10 to 20
inches of FR4
HIGH
Recommended setting for >20 inches
of FR4


Similar Part No. - GS2985

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2985 SEMTECH-GS2985 Datasheet
3Mb / 45P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
More results

Similar Description - GS2985

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2965 GENNUM-GS2965 Datasheet
3Mb / 41P
   Uses standard 27MHz crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TZ2114A TAI-SAW-TZ2114A Datasheet
102Kb / 6P
   HC49SMD 27MHz Crystal Unit
REV. NO.: 1.0
TZ2531A TAI-SAW-TZ2531A Datasheet
435Kb / 6P
   HC49SMD 27MHz Crystal Unit
REV. NO.: 1.0
TZ2507A TAI-SAW-TZ2507A Datasheet
318Kb / 5P
   HC49US 27MHz Crystal Unit
REV. NO.: 1.0
TZ1132A TAI-SAW-TZ1132A Datasheet
339Kb / 6P
   SMD 6.0x3.5 27MHz Crystal Unit
REV. NO.: 2.0
TZ1323B TAI-SAW-TZ1323B Datasheet
174Kb / 8P
   Crystal Unit SMD 2.0x1.6 27MHz
REV. NO.: 5.0
TZ1936A TAI-SAW-TZ1936A Datasheet
171Kb / 8P
   Crystal Unit SMD 2.0x1.6 27MHz
REV. NO.: 4.0
TZ2542A TAI-SAW-TZ2542A Datasheet
209Kb / 8P
   Crystal Unit SMD 3.2x2.5 27MHz
REV. NO.: 1
TW0254A TAI-SAW-TW0254A Datasheet
182Kb / 5P
   SMD 7.0x5.0 27MHz Crystal Oscillator
TZ0462A TAI-SAW-TZ0462A Datasheet
433Kb / 8P
   Crystal Unit SMD 3.2x2.5 27MHz
REV. NO.: 8.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com