Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2986 Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS2986
Description  Standards indication in Auto mode
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2986 Datasheet(HTML) 5 Page - Gennum Corporation

  GS2986 Datasheet HTML 1Page - Gennum Corporation GS2986 Datasheet HTML 2Page - Gennum Corporation GS2986 Datasheet HTML 3Page - Gennum Corporation GS2986 Datasheet HTML 4Page - Gennum Corporation GS2986 Datasheet HTML 5Page - Gennum Corporation GS2986 Datasheet HTML 6Page - Gennum Corporation GS2986 Datasheet HTML 7Page - Gennum Corporation GS2986 Datasheet HTML 8Page - Gennum Corporation GS2986 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
GS2986 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52134 - 3
July 2012
5 of 41
1. Pin Out
1.1 Pin Assignment
Figure 1-1: GS2986 Pin Out
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DDI0
DDI1
DDI0
DDI1
Ground Pad
(bottom of package)
GS2986
40-pin QFN
(top view)
CP_CAP
VEE_DDO0
VCC_DDO0
DDO0
VEE_DDO1
VCC_DDO1
DDO1/RCO
DDO0
DDO1/RCO
SD/HD
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
DDI2
DDI2
DDI3
DDI3
DDO1_DISABLE
HIF


Similar Part No. - GS2986

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2986 SEMTECH-GS2986 Datasheet
3Mb / 41P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
GS2986-INE3 SEMTECH-GS2986-INE3 Datasheet
3Mb / 41P
   Multi-Rate SDI Reclocker with Equalization & De-emphasis
More results

Similar Description - GS2986

ManufacturerPart #DatasheetDescription
logo
Shanghai awinic technol...
AW2015 AWINIC-AW2015 Datasheet
1Mb / 35P
   3 Channel LED Drivers with Auto Charging Indication
logo
List of Unclassifed Man...
570A ETC2-570A Datasheet
601Kb / 1P
   Auto identification mode
AX5214 ETC-AX5214 Datasheet
212Kb / 10P
   AUTO SWITCHING MODE
logo
STMicroelectronics
EV-VN7016AJ STMICROELECTRONICS-EV-VN7016AJ Datasheet
513Kb / 7P
   Thermal shutdown indication
logo
List of Unclassifed Man...
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
logo
PHOENIX CONTACT
IEG45-3LA40021 PHOENIX-IEG45-3LA40021 Datasheet
104Kb / 2P
   Voltage indication module
logo
STMicroelectronics
EV-VN7040AJ STMICROELECTRONICS-EV-VN7040AJ Datasheet
436Kb / 7P
   Thermal shutdown indication
logo
Integrated Device Techn...
IDT82V3012 IDT-IDT82V3012 Datasheet
456Kb / 32P
   Holdover status indication
logo
STMicroelectronics
EV-VN7010AJ STMICROELECTRONICS-EV-VN7010AJ Datasheet
512Kb / 7P
   Thermal shutdown indication
EV-VN7050AS STMICROELECTRONICS-EV-VN7050AS Datasheet
430Kb / 7P
   Thermal shutdown indication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com