Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS2994 Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS2994
Description  Automatic power-down on loss of signal
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2994 Datasheet(HTML) 5 Page - Gennum Corporation

  GS2994 Datasheet HTML 1Page - Gennum Corporation GS2994 Datasheet HTML 2Page - Gennum Corporation GS2994 Datasheet HTML 3Page - Gennum Corporation GS2994 Datasheet HTML 4Page - Gennum Corporation GS2994 Datasheet HTML 5Page - Gennum Corporation GS2994 Datasheet HTML 6Page - Gennum Corporation GS2994 Datasheet HTML 7Page - Gennum Corporation GS2994 Datasheet HTML 8Page - Gennum Corporation GS2994 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
GS2994 GS2994 Adaptive Cable Equalizer
Data Sheet
53967 - 4
August 2012
5 of 20
8
SQ_ADJ
Analog
Input
Squelch Threshold Adjust.
Adjusts the input signal amplitude threshold of the carrier detect
function. The output can be muted when the input signal
amplitude is too low by connecting the CD and OP_CTL pins
together through some external components. In this case, when CD
is LOW (0V), OP_CTL is forced LOW (0V), and when CD is HIGH
(2.5V), OP_CTL is forced HIGH (3.3V). The input level at which the
part is muted can be set through the SQ_ADJ pin through suitable
voltage variances as described in Section 4.4. NOTE: when the
SQ_ADJ functionality is used and/or in auto_mute, the auto sleep
feature is not allowed, and the SLEEP pin should be left open.
Includes an internal pull-down resistor.
9OP_CTL
Not
Synchronous
Input
CONTROL SIGNAL INPUT
Controls the Output Swing, De-emphasis, and Mute features of the
SDO and SDO outputs.
When connected to GND, the output swing is 800mV with no
de-emphasis. When connected to the 3.3V analog power supply, the
output is MUTED.
Includes an internal pull down resistor.
See Section 4.7 for all other control options.
10, 11
SDO, SDO
Analog
Output
Equalized serial digital differential output.
12
VEE_O
Analog
Power
Most negative power supply for the output buffer.
Connect to GND.
13
VCC_O
Analog
Power
Most positive power supply connection for the output buffer of the
device.
Connect to +1.2V ~ +3.3V DC.
14
SLEEP
Not
Synchronous
Input
CONTROL SIGNAL INPUT
When set HIGH, the GS2994 is powered-down except for the Carrier
Detect functionality.
Includes an internal pull-down resistor.
15
CD
Not
Synchronous
Output
Carrier Detect status signal output.
Signal levels are LVCMOS/LVTTL compatible.
Indicates the presence of an input signal. When the CD pin is LOW, a
good input signal has been detected. When this pin is HIGH, the
input signal is invalid.
See Section 4.5.
16
VCC_A
Analog
Power
Most positive power supply for the input buffer, core and control
circuits of the device.
Connect to +3.3V DC.
Center Pad
Power
Internally bonded to VEE_A.
Table 1-1: GS2994 Pin Descriptions (Continued)
Pin Number
Name
Timing
Type
Description


Similar Part No. - GS2994

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2994 SEMTECH-GS2994 Datasheet
1Mb / 20P
   GS2994 Adaptive Cable Equalizer
More results

Similar Description - GS2994

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS3440 GENNUM-GS3440 Datasheet
1Mb / 23P
   Automatic power-down on loss of signal
GS2993 GENNUM-GS2993 Datasheet
1Mb / 23P
   Automatic power-down on loss of signal
GS3441 GENNUM-GS3441 Datasheet
1Mb / 25P
   Automatic power-down on loss of signal
logo
Hittite Microwave Corpo...
HMC914LP4E HITTITE-HMC914LP4E Datasheet
744Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
logo
Analog Devices
HMC914LP4E AD-HMC914LP4E Datasheet
708Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
v03.1012
logo
Micrel Semiconductor
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
logo
Linear Technology
LTC2955 LINER-LTC2955 Datasheet
224Kb / 6P
   Pushbutton On/Off Controller with Automatic Turn-On
LTC2955 LINER-LTC2955_15 Datasheet
219Kb / 20P
   Pushbutton On/Off Controller with Automatic Turn-On
logo
Power Integrations, Inc...
CAP004DG-TL POWERINT-CAP004DG-TL Datasheet
604Kb / 8P
   Zero1 Loss Automatic X Capacitor Discharge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com