Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3490 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS3490
Description  Low power operation from a single
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3490 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS3490 Datasheet HTML 7Page - Gennum Corporation GS3490 Datasheet HTML 8Page - Gennum Corporation GS3490 Datasheet HTML 9Page - Gennum Corporation GS3490 Datasheet HTML 10Page - Gennum Corporation GS3490 Datasheet HTML 11Page - Gennum Corporation GS3490 Datasheet HTML 12Page - Gennum Corporation GS3490 Datasheet HTML 13Page - Gennum Corporation GS3490 Datasheet HTML 14Page - Gennum Corporation GS3490 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
GS3490
Final Data Sheet
Rev. 1
GENDOC-058568
April 2014
11 of 22
Proprietary & Confidential
www.semtech.com
Figure 3-4: EQ_DISABLE, EQ_BYPASS,
EQ_GAIN_SEL Circuits
Figure 3-5: CD Circuit
EQ_DISABLE,
EQ_BYPASS,
EQ_GAIN_SEL
100k
Ω
VCC
CD
Internal
2.5V
Figure 3-6: EQ_OP_CTL Circuit
Figure 3-7: Cable Driver Differential Digital Data Input
Circuit
VCC
Internal Reference
Internal Reference
EQ_OP_CTL
Internal Circuitry
1M
Ω
VCC
VCC
DDI
DDI
50
Ω
50
Ω
5k
Ω
10k
Ω
EQ RC*
VCC
700pF
*RC Network
for Trace Equalization


Similar Part No. - GS3490

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS3490 SEMTECH-GS3490 Datasheet
1Mb / 22P
   Configurable Adaptive Cable Equalizer/Cable Driver
GS3490-INE3 SEMTECH-GS3490-INE3 Datasheet
1Mb / 22P
   Configurable Adaptive Cable Equalizer/Cable Driver
More results

Similar Description - GS3490

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK0008 MSK-MSK0008_15 Datasheet
122Kb / 5P
   Single Supply Operation From 10V to 45V
MSK0006 MSK-MSK0006_15 Datasheet
117Kb / 5P
   Single Supply Operation From 20V to 45V
logo
Hamamatsu Corporation
S4810 HAMAMATSU-S4810 Datasheet
165Kb / 4P
   Low-voltage operation photo IC Operation at low voltage from 2.2 V
logo
CML Microcircuits
CMX631A CMLMICRO-CMX631A Datasheet
305Kb / 16P
   Low Power Operation
logo
Integrated Silicon Solu...
IS29LV032T ISSI-IS29LV032T Datasheet
916Kb / 47P
   Single power supply operation
logo
Maxim Integrated Produc...
MAX14851EVKIT MAXIM-MAX14851EVKIT Datasheet
758Kb / 8P
   Operates from a Single Supply
Rev 0; 11/17
logo
Recom International Pow...
R-78S3.3-0.1-EVM-1 RECOM-R-78S3.3-0.1-EVM-1 Datasheet
609Kb / 5P
   3.3V from a single AA battery or from
logo
Macronix International
MX25L1605A MCNIX-MX25L1605A Datasheet
973Kb / 43P
   Single Power Supply Operation
logo
Holt Integrated Circuit...
HI-8437 HOLTIC-HI-8437 Datasheet
147Kb / 21P
   Single Low Voltage Supply Operation
logo
ATMEL Corporation
AT27C516 ATMEL-AT27C516_14 Datasheet
354Kb / 13P
   Low Power CMOS Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com