Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7135CPIZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL7135CPIZ
Description  41/2 Digit, BCD Output, A/D Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7135CPIZ Datasheet(HTML) 2 Page - Intersil Corporation

  ICL7135CPIZ Datasheet HTML 1Page - Intersil Corporation ICL7135CPIZ Datasheet HTML 2Page - Intersil Corporation ICL7135CPIZ Datasheet HTML 3Page - Intersil Corporation ICL7135CPIZ Datasheet HTML 4Page - Intersil Corporation ICL7135CPIZ Datasheet HTML 5Page - Intersil Corporation ICL7135CPIZ Datasheet HTML 6Page - Intersil Corporation ICL7135CPIZ Datasheet HTML 7Page - Intersil Corporation ICL7135CPIZ Datasheet HTML 8Page - Intersil Corporation ICL7135CPIZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN3093.4
Typical Application Schematic
28
27
26
25
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
24
SET VREF = 1.000V
VREF IN
SIGNAL
-5V
+5V
100k
Ω
27
Ω
100k
Ω
100K
ANALOG
GND
INPUT
1
μF
0.47
μF
1
μF
0.1
μF
100k
Ω
ICL7135
CLOCK IN
120kHz
0V
6
ANODE
DRIVER
TRANSISTORS
SEVEN
SEG.
DECODE
DISPLAY
ICL7135


Similar Part No. - ICL7135CPIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7135CPIZ INTERSIL-ICL7135CPIZ Datasheet
733Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
ICL7135CPIZ INTERSIL-ICL7135CPIZ Datasheet
512Kb / 15P
   4쩍 Digit, BCD Output, A/D Converter
logo
Renesas Technology Corp
ICL7135CPIZ RENESAS-ICL7135CPIZ Datasheet
800Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
More results

Similar Description - ICL7135CPIZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7135 MAXIM-ICL7135_V01 Datasheet
734Kb / 13P
   41/2 Digit A/D Converter with Multiplexed BCD Outputs
2016
logo
Renesas Technology Corp
ICL7135 RENESAS-ICL7135 Datasheet
800Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
logo
Intersil Corporation
ICL7135 INTERSIL-ICL7135 Datasheet
733Kb / 15P
   4 1/2 Digit, BCD Output, A/D Converter
ICL7135 INTERSIL-ICL7135_07 Datasheet
512Kb / 15P
   4쩍 Digit, BCD Output, A/D Converter
ICL7129 INTERSIL-ICL7129 Datasheet
103Kb / 11P
   41/2 Digit LCD, Single-Chip A/D Converter
logo
Maxim Integrated Produc...
ICL7135 MAXIM-ICL7135 Datasheet
624Kb / 12P
   4쩍 Digit A/D Converter with Multiplexed BCD Outputs
19-5041; Rev 0; 1987
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
   2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
logo
New Japan Radio
NJU9252 NJRC-NJU9252 Datasheet
237Kb / 6P
   2-DIGIT SINGLE CHIP A/D CONVERTER
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
TC7135 MICROCHIP-TC7135_04 Datasheet
457Kb / 24P
   4-1/2 Digit A/D Converter
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com