Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS6150 Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS6150
Description  Automatic or Manual Rate Selection
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS6150 Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS6150 Datasheet HTML 7Page - Gennum Corporation GS6150 Datasheet HTML 8Page - Gennum Corporation GS6150 Datasheet HTML 9Page - Gennum Corporation GS6150 Datasheet HTML 10Page - Gennum Corporation GS6150 Datasheet HTML 11Page - Gennum Corporation GS6150 Datasheet HTML 12Page - Gennum Corporation GS6150 Datasheet HTML 13Page - Gennum Corporation GS6150 Datasheet HTML 14Page - Gennum Corporation GS6150 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
GS6150
Final Data Sheet
Rev.2
PDS-060127
March 2015
11 of 64
Proprietary & Confidential
www.semtech.com
Power
PD
Data Rate 6G,
DDO1/DDO1 disabled
140
185
mW
1, 2
Data Rate <6G,
DDO1/DDO1 disabled
130
170
mW
1, 2
Data Rate 6G,
Default Settings,
DDO1/DDO1 enabled
210
280
mW
3, 4
Data Rate <6G,
Default Settings,
DDO1/DDO1 enabled
190
255
mW
3, 4
Maximum Supply and Power
Settings
280
360
mW
5
Power (Sleep operation)
PSLEEP
20
35
mW
Power (Standby
operation)
PSTANDBY
80
110
mW
Supply Current - Output
Driver
ICC_DDO0,
ICC_DDO1
Output Swing Register
Setting = 0000b
—4.8
7
mA
6, 7
Output Swing Register
Setting= 0100b
—7.5
12
mA
6, 7
Output Swing Register
Setting = 1100b
—15
22
mA
6, 7
Supply Current - Core
ICC_CORE
Output De-emphasis
Disabled
Data Rate 6G
—82
mA
8
Output De-emphasis
Disabled
Data Rate 3G
—74
mA
8
Output De-emphasis Enabled
Data Rate 6G
—90
mA
8
Output De-emphasis Enabled
Data Rate 3G
—81
mA
8
Supply Current - Digital
ICC_DIG
External Crystal Referenced
7
12
mA
Serial Input Termination
Differential
75
100
125
Ω
Serial Output Termination
Differential
75
100
125
Ω
Serial Input Common
Mode Voltage
VCMIN
—0.9
VCC_CORE
- 50mV
V
9, 10
Table 2-2: DC Electrical Characteristics (Continued)
VCC_CORE, VDD_DIG = +1.8V ± 5%, TA= –40ºC to +85ºC unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes


Similar Part No. - GS6150

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INE3 SEMTECH-GS6150-INE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3 SEMTECH-GS6150-INTE3 Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
GS6150-INTE3Z SEMTECH-GS6150-INTE3Z Datasheet
1Mb / 64P
   GS6150 Multi-Rate 6G UHD-SDI Reclocker
More results

Similar Description - GS6150

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC016 NSC-CLC016 Datasheet
422Kb / 20P
   Data Retiming PLL with Automatic Rate Selection
CLC016 NSC-CLC016_02 Datasheet
445Kb / 19P
   Data Retiming PLL with Automatic Rate Selection
logo
C&K Components
KSA CK-COMPONENTS-KSA Datasheet
359Kb / 5P
   Designed for automatic or manual insertion
logo
List of Unclassifed Man...
PM318 ETC-PM318 Datasheet
757Kb / 7P
   AUTO OR MANUAL INPUT SELECTION 3 INPUTS & 88 OUTPUTS
logo
Maxim Integrated Produc...
MAX17015EVKIT MAXIM-MAX17015EVKIT Datasheet
1Mb / 8P
   Automatic System Power-Source Selection
Rev 0; 10/09
logo
PHOENIX CONTACT
PSI-REP-DNET-CAN PHOENIX-PSI-REP-DNET-CAN Datasheet
326Kb / 7P
   Automatic data rate detection or fixed data rate setting via DIP switches
logo
Integrated Circuit Syst...
8T49N241 ICST-8T49N241 Datasheet
1Mb / 64P
   Manual clock selection control input
logo
Power-One
MAP130 POWER-ONE-MAP130_06 Datasheet
146Kb / 4P
   Automatic 115/230 Input Voltage Selection
logo
Sanyo Semicon Device
LA7214 SANYO-LA7214 Datasheet
40Kb / 2P
   VCR-Use Automatic Channel Selection Peripheral
LA7213 SANYO-LA7213 Datasheet
51Kb / 2P
   VCR-Use Automatic Channel Selection Peripheral
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com