Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9075B Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS9075B
Description  Lock Detect Output
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9075B Datasheet(HTML) 1 Page - Gennum Corporation

  GS9075B Datasheet HTML 1Page - Gennum Corporation GS9075B Datasheet HTML 2Page - Gennum Corporation GS9075B Datasheet HTML 3Page - Gennum Corporation GS9075B Datasheet HTML 4Page - Gennum Corporation GS9075B Datasheet HTML 5Page - Gennum Corporation GS9075B Datasheet HTML 6Page - Gennum Corporation GS9075B Datasheet HTML 7Page - Gennum Corporation GS9075B Datasheet HTML 8Page - Gennum Corporation GS9075B Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
GS1575B / GS9075B HD-LINX® II Multi-Rate SDI Automatic Reclocker
1 of 28
GS1575B / GS9075B HD-LINX® II Multi-Rate SDI
Automatic Reclocker
Data Sheet
40063 - 1
June 2009
www.gennum.com
Features
GS1575B
SMPTE 292M, 259M and 344M compliant
Supports data rates of 143, 177, 270, 360, 540, 1483.5, 1485
Mb/s
Supports DVB-ASI at 270Mb/s
Pb-free and RoHS Compliant
Auto and Manual Modes for rate selection
Standards indication in Auto Mode
4:1 input multiplexer
Loss of Signal (LOS) Output
Lock Detect Output
On-chip Input and Output Termination
Differential 50Ω inputs and outputs
Mute, Bypass and Autobypass functions
SD/HD indication output to control GS1528A Dual Slew-Rate
Cable Driver
Single 3.3V power supply
Operating temperature range: 0°C to 70°C
GS9075B
SMPTE 259M and 344M compliant
Supports data rates of 143, 177, 270, 360, and 540Mb/s
Supports DVB-ASI at 270Mb/s
Pb-free and RoHS Compliant
Auto and Manual Modes for rate selection
Standards indication in Auto Mode
4:1 input multiplexer
Loss of Signal (LOS) Output
Lock Detect Output
On-chip Input and Output Termination
Differential 50Ω inputs and outputs
Mute, Bypass and Autobypass functions
Single 3.3V power supply
Operating temperature range: 0°C to 70°C
Applications
GS1575B
SMPTE 292M, SMPTE 259M and SMPTE 344M Serial Digital
Interfaces
GS9075B
SMPTE 259M and SMPTE 344M Serial Digital Interfaces.
Description
The GS1575B/9075B is a Multi-Rate Serial Digital Reclocker
designed to automatically recover the embedded clock
from a digital video signal and re-time the incoming video
data.
The GS1575B Serial Digital Reclocker will recover the
embedded clock signal and re-time the data from a SMPTE
292M, SMPTE 259M or SMPTE 344M compliant digital
video signal.
The GS9075B Serial Digital Reclocker will recover the
embedded clock signal and re-time the data from a SMPTE
259M or SMPTE 344M compliant digital video signal.
The GS1575B/9075B removes the high frequency jitter
components from the bit-serial stream. Input termination is
on-chip for seamless matching to 50Ω transmission lines.
An LVPECL compliant output interfaces seamlessly to the
GS1578A/GS9078A Cable Driver.
The GS1575B/9075B can operate in either auto or manual
rate selection mode. In Auto mode the device will
automatically detect and lock onto incoming SMPTE SDI
data signals at any supported rate. For single rate data
systems, the GS1575B/9075B can be configured to operate
in Manual mode. In both modes, the device requires only
one external crystal to set the VCO frequency when not
locked and provides adjustment free operation.
In systems which require passing of non-SMPTE data rates,
the GS1575B/9075B can be configured to either
automatically or manually enter a bypass mode in order to
pass the signal without reclocking.
The ASI/177 input pin allows for manual selection of
support of either 177Mb/s or DVB-ASI inputs.
The GS1575B/9075B is Pb-free, and the encapsulation
compound does not contain halogenated flame retardant.
This component and all homogeneous sub-components are
RoHS compliant.


Similar Part No. - GS9075B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
More results

Similar Description - GS9075B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4355 AD-ADF4355 Datasheet
937Kb / 36P
   Analog and digital lock detect
logo
Rohm
BDEXXX0G ROHM-BDEXXX0G Datasheet
265Kb / 9P
   Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
logo
Micro Linear Corporatio...
ML4961 MICRO-LINEAR-ML4961 Datasheet
206Kb / 8P
   Adjustable Output Low Voltage Boost Regulator with Detect
logo
Copal Electronics
CL-DB COPAL-CL-DB Datasheet
571Kb / 4P
   DETECT SWITCHES
SPB101 COPAL-SPB101 Datasheet
183Kb / 1P
   Detect Switches
CF-DA COPAL-CF-DA Datasheet
235Kb / 2P
   Detect Switches
CL-DA COPAL-CL-DA Datasheet
955Kb / 4P
   DETECT SWITCHES
logo
C&K Components
DSDETECT CK-COMPONENTS-DSDETECT Datasheet
396Kb / 4P
   Detect Switch
10 Mar 22
logo
Copal Electronics
CF-DA-SERIES COPAL-CF-DA-SERIES Datasheet
235Kb / 2P
   Detect Switches
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com