Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63800-8300 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63800-8300
Description  Fine Adjust Applicator for Slip-on Female Crimp Terminals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63800-8300 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63800-8300 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/16/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0639021600
Status:
Active
Description:
Fine Adjust Applicator for Slip-on Female Crimp Terminals
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Automatic, Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
FineAdjust™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
FineAdjust Applicator
UPC
884982361751
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-639021600, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN, TM-638004900, TM-638004900CN,
TM-638004900DE, TM-638004900FR,
TM-638004900IT, TM-638004900JP,
TM-638004900MY, TM-638004900PL,
TM-638004900RU, TM-638004900SK,
TM-638004900SP, TM-638004900TH,
TM-638004900VN
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
Molex TM-3000™: 63801-7200 ,
63801-7300 , Molex TM-4000™:
63801-7600 , Molex TM-2000™:
63800-8300 , 63800-8400 , and Most
Industry Standard Presses or Wire Process
Machines
This document was generated on 10/16/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63800-8300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63800-8300 MOLEX11-63800-8300 Datasheet
42Kb / 1P
   FineAdjust for 2.30mm Slip-On Receptacle Terminal
63800-8300 MOLEX11-63800-8300 Datasheet
42Kb / 1P
   Mini-Mac Applicator
63800-8300 MOLEX11-63800-8300 Datasheet
39Kb / 1P
   FineAdjust Applicator for SCC Sealed Receptacle Terminals
63800-8300 MOLEX11-63800-8300 Datasheet
50Kb / 1P
   FineAdjust Applicator for Male Crimp Terminal, 24-30 AWG Wire
63800-8300 MOLEX11-63800-8300 Datasheet
39Kb / 1P
   FineAdjust Applicator for Insulation OD 0.90-1.15mm - UL1061
More results

Similar Description - 63800-8300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0639021600 MOLEX-0639021600 Datasheet
43Kb / 1P
   FineAdjust Applicator for Slip-on Female Crimp Terminals
12/21/2021
63900-3100 MOLEX-63900-3100 Datasheet
327Kb / 5P
   Fine Adjust Applicator for SL??Crimp Terminals
01-18-11
63903-6300 MOLEX-63903-6300 Datasheet
554Kb / 5P
   Fine Adjust Applicator for EconoLatch Crimp Terminals
04-26-16
ATS-639001500 MOLEX-ATS-639001500 Datasheet
298Kb / 5P
   Fine Adjust Applicator for SL??Crimp Terminals
09-21-10
ATS-639007500 MOLEX-ATS-639007500 Datasheet
275Kb / 5P
   Fine Adjust Applicator for MLX??Crimp Terminals
10-11-12
ATS-639008200 MOLEX-ATS-639008200 Datasheet
272Kb / 5P
   Fine Adjust Applicator for MX150L??Crimp Terminals
02-19-09
ATS-639008300 MOLEX-ATS-639008300 Datasheet
275Kb / 5P
   Fine Adjust Applicator for MX150L??Crimp Terminals
06-09-09
ATS-639008400 MOLEX-ATS-639008400 Datasheet
309Kb / 5P
   Fine Adjust Applicator for MX150L??Crimp Terminals
07-12-11
ATS-639009900 MOLEX-ATS-639009900 Datasheet
274Kb / 5P
   Fine Adjust Applicator for MLX??Crimp Terminals
10-11-12
63900-9800 MOLEX-63900-9800 Datasheet
275Kb / 5P
   Fine Adjust Applicator for MLX??Crimp Terminals
10-11-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com