Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22102IR20Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL22102IR20Z
Description  32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22102IR20Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL22102IR20Z Datasheet HTML 1Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 2Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 3Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 4Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 5Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 6Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 7Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 8Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
FN6788.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas LLC
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas LLC 2008, 2010, 2015. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL22102
Dual, Audio, Push-button Controlled Potentiometer (XDCP™)
32 Tap, Push-button, Dual Audio
Logarithmic Potentiometer with Buffer
Amplifiers and Audio Detection
The ISL22102 integrates two digitally controlled
potentiometers (DCP) with buffered wiper outputs and an
internal bias voltage generator (VB) on a monolithic CMOS
integrated circuit. The wiper position is adjusted by the user
through simple Up and Down push buttons, ideal for stereo
volume control in audio applications.
Each potentiometer is implemented using 31 polysilicon
resistors in a logarithmic array. Between each of the
resistors are tap points connected to the wiper terminal
through switches. When powered up, the wipers are reset to
the -20dB position.
In addition to the ISL22102’s low noise design, the ISL22102
also contains a zero-crossing detection circuitry to further
minimize click and pop noise during volume transition.
The internal VB generator of the ISL22102 provides a
precision middle scale voltage reference that reduces
external circuitry and simplifies application design.
The ISL22102 implements two power saving techniques for
power critical applications. It is a Standby Mode that can be
enabled to reduce the power consumption of the part when
DCP is not in use. The part also has Audio Detection
circuitry that provides an indication FLAG to external devices
and services. The FLAG can be delayed through D0, D1 and
D2 pin configuration. By connecting the FLAG to the standby
pin (SB), it will automatically put the part into Standby Mode.
Pinout
Features
• Dual Audio Control – Two 32 Taps Log Pots
• Buffered Wiper Outputs
• Audio Detection with Threshold Input and Controlled
Delay
• Zero Amplitude Wiper Switching (ZAWS)
• Simple Push-button Interface
• Auto Increment/decrement After 1s Button Press
• Standby Mode
• Mute Function
• Total Resistance: 18.5k
 each DCP (Typical)
• Voltage Operation
- VCC = 2.7V to 5.5V
- AVCC = 2.7V to 5.5V
• Temp Range = -40°C to +85°C
• Package Options
- 20 Ld TSSOP
-20 Ld QFN
• Pb-Free (RoHS Compliant)
Audio Performance
• 0dB to -72dB Volume Control
• -90dB Mute
• SNR: -90dB
• THD+N: 0.01% @ 1kHz
• Crosstalk Rejection: -100dB @ 1kHz
• Channel-to-Channel Variation: ±0.1dB
• Mid point 3dB-Cutoff: 100kHz
Applications
• Set Top Boxes
• Stereo Amplifiers
•DVD Players
• Portable Audio Products
ISL22102
(20 LD QFN)
TOP VIEW
DN
VCC
AVCC
MUTE
LEFT_IN
D0
GND
HPB
VTH
HPA
1
2
3
4
5
67
8
9
10
15
14
13
12
11
20
19
18
17
16
Data Sheet
September 21, 2015


Similar Part No. - ISL22102IR20Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22102IR20Z INTERSIL-ISL22102IR20Z Datasheet
197Kb / 11P
   32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Renesas Technology Corp
ISL22102IR20Z RENESAS-ISL22102IR20Z Datasheet
550Kb / 12P
   32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
More results

Similar Description - ISL22102IR20Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22102 INTERSIL-ISL22102 Datasheet
197Kb / 11P
   32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Renesas Technology Corp
ISL22102 RENESAS-ISL22102 Datasheet
550Kb / 12P
   32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Maxim Integrated Produc...
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
   32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
   Dual Audio Taper Potentiometer
030300
logo
NXP Semiconductors
NCX8193 PHILIPS-NCX8193_15 Datasheet
281Kb / 21P
   Audio jack detection and configuration with false detection prevention
Rev. 2-21 November 2014
logo
Copal Electronics
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
   32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
   32-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
   32-Tap Digital Potentiometer
logo
Intersil Corporation
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com