Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22313UFU10Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL22313UFU10Z
Description  Low Noise, Low Power, I2C짰 Bus, 256 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22313UFU10Z Datasheet(HTML) 3 Page - Intersil Corporation

  ISL22313UFU10Z Datasheet HTML 1Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 2Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 3Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 4Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 5Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 6Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 7Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 8Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN6421.0
July 17, 2007
Absolute Maximum Ratings
Thermal Information
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage at any Digital Interface Pin
with Respect to GND . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC+0.3
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -6V to 0.3V
Voltage at any DCP Pin with
respect to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V- to VCC
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Latchup . . . . . . . . . . . . . . . . . . . . . . . . . Class II, Level A at +125°C
ESD
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .400V
Thermal Resistance (Typical, Note 3)
θJA (°C/W)
10 Lead MSOP. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
120
Maximum Junction Temperature (Plastic Package). . . . . . . . +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Full Industrial) . . . . . . . . . . . . -40°C to +125°C
Power Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mW
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.25V to 5.5V
V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.25V to -5.5V
Max Wiper Current Iw . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±3.0mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
3.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Analog Specifications
Over recommended operating conditions unless otherwise stated. Limits are established by characterization.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 4)
MAX
(Note 18)
UNIT
RTOTAL
RH to RL resistance
W option
10
k
Ω
U option
50
k
Ω
T option
100
k
Ω
RH to RL resistance tolerance
-20
+20
%
End-to-End Temperature Coefficient
W option
±150
ppm/°C
U, T option
±50
ppm/°C
VRH, VRL
DCP terminal voltage
VRH and VRL to GND
V-
VCC
V
RW
Wiper resistance
RH - floating, VRL = V-, force IW current to
the wiper, IW = (VCC - VRL)/RTOTAL
70
250
Ω
CH/CL/CW
(Note 16)
Potentiometer capacitance
See Macro Model below.
10/10/25
pF
ILkgDCP
Leakage on DCP pins
Voltage at pin from GND to VCC
0.1
1
µA
VOLTAGE DIVIDER MODE (V- @ RL; VCC @ RH; measured at RW, unloaded)
INL
(Note 9)
Integral non-linearity
W option
-1.5
±0.5
1.5
LSB
(Note 5)
U, T option
-1.0
±0.2
1.0
DNL
(Note 8)
Differential non-linearity
W option
-1.0
±0.4
1.0
LSB
(Note 5)
U, T option
-0.5
±0.15
0.5
ZSerror
(Note 6)
Zero-scale error
W option
0
1
5
LSB
(Note 5)
U, T option
0
0.5
2
FSerror
(Note 7)
Full-scale error
W option
-5
-1
0
LSB
(Note 5)
U, T option
-2
-1
0
TCV
(Notes 10, 16)
Ratiometric temperature coefficient
DCP register set to 80 hex
±4
ppm/°C
ISL22313


Similar Part No. - ISL22313UFU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22313UFU10Z INTERSIL-ISL22313UFU10Z Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
ISL22313UFU10Z INTERSIL-ISL22313UFU10Z Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22313UFU10Z RENESAS-ISL22313UFU10Z Datasheet
1Mb / 15P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
More results

Similar Description - ISL22313UFU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com