Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22414TFU10Z-TK Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL22414TFU10Z-TK
Description  Low Noise, Low Power, SPI® Bus, 256 Taps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22414TFU10Z-TK Datasheet(HTML) 5 Page - Intersil Corporation

  ISL22414TFU10Z-TK Datasheet HTML 1Page - Intersil Corporation ISL22414TFU10Z-TK Datasheet HTML 2Page - Intersil Corporation ISL22414TFU10Z-TK Datasheet HTML 3Page - Intersil Corporation ISL22414TFU10Z-TK Datasheet HTML 4Page - Intersil Corporation ISL22414TFU10Z-TK Datasheet HTML 5Page - Intersil Corporation ISL22414TFU10Z-TK Datasheet HTML 6Page - Intersil Corporation ISL22414TFU10Z-TK Datasheet HTML 7Page - Intersil Corporation ISL22414TFU10Z-TK Datasheet HTML 8Page - Intersil Corporation ISL22414TFU10Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN6425.1
September 9, 2015
Absolute Maximum Ratings
Thermal Information
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage at any Digital Interface Pin
with Respect to GND . . . . . . . . . . . . . . . . . . . . -0.3V to VCC +0.3
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +6V
V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -6V to 0.3V
Voltage at any DCP pin with Respect to GND . . . . . . . . . . V- to VCC
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Latchup . . . . . . . . . . . . . . . . . . . . . . . . . Class II, Level A @ +125°C
ESD
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .350V
Thermal Resistance (Typical, Note 3)
JA (°C/W)
14 Lead TSSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .105
16 Lead QFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Maximum Junction Temperature (Plastic Package). . . . . . . +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Full Industrial) . . . . . . . . . . . .-40°C to +125°C
Power Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15mW
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.25V to 5.5V
V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.25V to -5.5V
Max Wiper Current Iw . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±3.0mA
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Analog Specifications
Over recommended operating conditions unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 4)
MAX
UNIT
RTOTAL
RHi to RLi resistance
W option
10
k
U option
50
k
T option
100
k
RHi to RLi resistance tolerance
-20
+20
%
End-to-End Temperature Coefficient
W option
±85
ppm/°C
U, T option
±45
ppm/°C
VRH, VRL
DCP terminal voltage
VRHi and VRLi to GND
V-
VCC
V
RW
Wiper resistance
RH - floating, VRL = V-, force Iw current to the
wiper, IW = (VCC - VRL)/RTOTAL
70
250
CH/CL/CW
(Note 20)
Potentiometer capacitance
See Macro Model below.
10/10/25
pF
ILkgDCP
Leakage on DCP pins
Voltage at pin from V- to VCC
0.1
1
µA
VOLTAGE DIVIDER MODE (V- @ RLi; VCC @ RHi; measured at RWi, unloaded)
INL
(Note 9)
Integral non-linearity
W option
-1.5
±0.5
1.5
LSB
(Note 5)
U, T option
-1.0
±0.2
1.0
LSB
(Note 5)
DNL
(Note 8)
Differential non-linearity
Monotonic over all tap positions
W option
-1.0
±0.4
1.0
LSB
(Note 5)
U, T option
-0.5
±0.15
0.5
LSB
(Note 5)
ZSerror
(Note 6)
Zero-scale error
W option
0
1
5
LSB
(Note 5)
U, T option
0
0.5
2
FSerror
(Note 7)
Full-scale error
W option
-5
-1
0
LSB
(Note 5)
U, T option
-2
-1
0
VMATCH
(Note 10)
DCP to DCP matching
Wipers at the same tap position, the same
voltage at all RH terminals and the same
voltage at all RL terminals
-2
2
LSB
(Note 5)
TCV
(Note 11, 20)
Ratiometric temperature coefficient
DCP register set to 80 hex
±4
ppm/°C
ISL22424


Similar Part No. - ISL22414TFU10Z-TK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL22414TFU10Z-TK RENESAS-ISL22414TFU10Z-TK Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
More results

Similar Description - ISL22414TFU10Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
   Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
751Kb / 19P
   Low Noise, Low Power, I2C® Bus, 256 Taps
August 17, 2015
logo
Renesas Technology Corp
ISL22444 RENESAS-ISL22444 Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
ISL22414 RENESAS-ISL22414 Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
logo
Intersil Corporation
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com