Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22511WFRU10Z-TK Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL22511WFRU10Z-TK
Description  Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22511WFRU10Z-TK Datasheet(HTML) 5 Page - Intersil Corporation

  ISL22511WFRU10Z-TK Datasheet HTML 1Page - Intersil Corporation ISL22511WFRU10Z-TK Datasheet HTML 2Page - Intersil Corporation ISL22511WFRU10Z-TK Datasheet HTML 3Page - Intersil Corporation ISL22511WFRU10Z-TK Datasheet HTML 4Page - Intersil Corporation ISL22511WFRU10Z-TK Datasheet HTML 5Page - Intersil Corporation ISL22511WFRU10Z-TK Datasheet HTML 6Page - Intersil Corporation ISL22511WFRU10Z-TK Datasheet HTML 7Page - Intersil Corporation ISL22511WFRU10Z-TK Datasheet HTML 8Page - Intersil Corporation ISL22511WFRU10Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN6678.2
September 9, 2015
Roffset
(Note 13)
Offset
W option
0
1
2
MI
(Note 12)
U option
0
0.5
1
MI
(Note 12)
Potentiometer Specifications Over recommended operating conditions, unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 5)
MAX
(Note 18)
UNIT
DC Electrical Specifications
Over recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 5)
MAX
(Note 18)
UNIT
ICC
VCC Active Current
VCC = 5.5V, perform wiper move
operation
150
µA
ICC
VCC Current During Store Operation
VCC = 5.5V, perform non-volatile
store operation
2mA
ISB
Standby Current
0.6
3
µA
ILkg
PU, PD Input Leakage Current
VIN = VSS to VCC
-2
+2
µA
VIH
PU, PD Input HIGH Voltage
VCC x 0.7
V
VIL
PU, PD input LOW Voltage
VCC x 0.1
V
CIN
(Note 17)
PU, PD Input Capacitance
VCC = 3.3V, TA = +25°C, f = 1MHz
10
pF
Rpull_up
(Note 17)
Pull-Up Resistor for PU and PD
1M
EEPROM SPECIFICATIONS
EEPROM Endurance
1,000,000
Cycles
EEPROM Retention
Temperature
55°C
50
Years
ISL22511


Similar Part No. - ISL22511WFRU10Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22511WFRU10Z-TK INTERSIL-ISL22511WFRU10Z-TK Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511WFRU10Z-TK RENESAS-ISL22511WFRU10Z-TK Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
More results

Similar Description - ISL22511WFRU10Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Intersil Corporation
ISL22512WFB8Z INTERSIL-ISL22512WFB8Z Datasheet
372Kb / 12P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
October 12, 2015
ISL23512 INTERSIL-ISL23512 Datasheet
236Kb / 9P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
logo
Renesas Technology Corp
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com