Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL23325WFVZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL23325WFVZ
Description  Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23325WFVZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL23325WFVZ Datasheet HTML 1Page - Intersil Corporation ISL23325WFVZ Datasheet HTML 2Page - Intersil Corporation ISL23325WFVZ Datasheet HTML 3Page - Intersil Corporation ISL23325WFVZ Datasheet HTML 4Page - Intersil Corporation ISL23325WFVZ Datasheet HTML 5Page - Intersil Corporation ISL23325WFVZ Datasheet HTML 6Page - Intersil Corporation ISL23325WFVZ Datasheet HTML 7Page - Intersil Corporation ISL23325WFVZ Datasheet HTML 8Page - Intersil Corporation ISL23325WFVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISL23325
2
FN7870.1
September 23, 2015
Submit Document Feedback
Block Diagram
POWER UP
INTERFACE,
CONTROL
AND
STATUS
LOGIC
I/O
BLOCK
VCC
GND
SCL
SDA
A0
A1
RH0
RL0
RW0
RH1
RL1
RW1
WR0
VOLATILE
REGISTER
AND
WIPER
CONTROL
CIRCUITRY
WR1
VOLATILE
REGISTER
AND
WIPER
CONTROL
CIRCUITRY
A2
VLOGIC
LEVEL
SHIFTER
Pin Configurations
ISL23325
(14 LD TSSOP)
TOP VIEW
ISL23325
(16 LD µTQFN)
TOP VIEW
SDA
VLOGIC
A0
VCC
SCL
GND
RL1
RW1
RH1
A1
RL0
A2
RH0
RW0
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RH1
RW1
A1
RW0
SCL
RH0
SDA
A0
1
3
4
2
12
10
9
11
Pin Descriptions
TSSOP
µTQFN
SYMBOL
DESCRIPTION
1
6, 15
GND
Ground pin
216
VLOGIC
I2C bus/logic supply. Range 1.2V to
5.5V
3
1
SDA
Logic Pin - Serial bus data
input/open drain output
4
2
SCL
Logic Pin - Serial bus clock input
5
3
A0
Logic Pin - Hardwire slave address
pin for I2C serial bus.
Range: VLOGIC or GND
6
4
A1
Logic Pin - Hardwire slave address
pin for I2C serial bus.
Range: VLOGIC or GND
7
5
A2
Logic Pin - Hardwire slave address
pin for I2C serial bus.
Range: VLOGIC or GND
8
8
RL1
DCP1 “low” terminal
9
9
RW1
DCP1 wiper terminal
10
10
RH1
DCP1 “high” terminal
11
11
RH0
DCP0 “high” terminal
12
12
RW0
DCP0 wiper terminal
13
13
RL0
DCP0 “low” terminal
14
14
VCC
Analog power supply.
Range 1.7V to 5.5V
7NC
Not Connected


Similar Part No. - ISL23325WFVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23325WFVZ INTERSIL-ISL23325WFVZ Datasheet
848Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23325WFVZ RENESAS-ISL23325WFVZ Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - ISL23325WFVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23425 INTERSIL-ISL23425 Datasheet
852Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23325 INTERSIL-ISL23325 Datasheet
848Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23325 RENESAS-ISL23325 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425 RENESAS-ISL23425 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425TFVZ INTERSIL-ISL23425TFVZ Datasheet
748Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Contro Potentiometer (XDCP??
September 11, 2015
logo
Renesas Technology Corp
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
ISL23445 RENESAS-ISL23445 Datasheet
1Mb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
logo
Intersil Corporation
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com