Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL23318WFRUZ-T7A Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL23318WFRUZ-T7A
Description  Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23318WFRUZ-T7A Datasheet(HTML) 3 Page - Intersil Corporation

  ISL23318WFRUZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL23318WFRUZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL23318WFRUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL23318WFRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL23318WFRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL23318WFRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23318WFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23318WFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23318WFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ISL23318
3
FN7887.0
July 26, 2011
Ordering Information
PART NUMBER
(Note 5)
PART MARKING
RESISTANCE
OPTION
(kΩ)
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL23318TFUZ (Notes 1, 3)
3318T
100
-40 to +125
10 Ld MSOP
M10.118
ISL23318UFUZ (Notes 1, 3)
3318U
50
-40 to +125
10 Ld MSOP
M10.118
ISL23318WFUZ (Notes 1, 3)
3318W
10
-40 to +125
10 Ld MSOP
M10.118
ISL23318TFRUZ-T7A (Notes 2, 4) HH
100
-40 to +125
10 Ld 2.1x1.6 UTQFN
L10.2.1x1.6A
ISL23318TFRUZ-TK (Notes 2, 4)
HH
100
-40 to +125
10 Ld 2.1x1.6 UTQFN
L10.2.1x1.6A
ISL23318UFRUZ-T7A (Notes 2, 4) HG
50
-40 to +125
10 Ld 2.1x1.6 UTQFN
L10.2.1x1.6A
ISL23318UFRUZ-TK (Notes 2, 4)
HG
50
-40 to +125
10 Ld 2.1x1.6 UTQFN
L10.2.1x1.6A
ISL23318WFRUZ-T7A (Notes 2, 4) HF
10
-40 to +125
10 Ld 2.1x1.6 UTQFN
L10.2.1x1.6A
ISL23318WFRUZ-TK (Notes 2, 4) HF
10
-40 to +125
10 Ld 2.1x1.6 UTQFN
L10.2.1x1.6A
NOTES:
1. Add "-TK" or "-T7A" suffix for Tape and Reel option. Please refer to TB347 for details on reel specifications.
2. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate-e4
termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
5. For Moisture Sensitivity Level (MSL), please see device information page for ISL23318. For more information on MSL please see techbrief TB363.


Similar Part No. - ISL23318WFRUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23318WFRUZ-T7A INTERSIL-ISL23318WFRUZ-T7A Datasheet
727Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23318WFRUZ-T7A RENESAS-ISL23318WFRUZ-T7A Datasheet
1,010Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - ISL23318WFRUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL23318 RENESAS-ISL23318 Datasheet
1,010Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23318 INTERSIL-ISL23318 Datasheet
727Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL90726 RENESAS-ISL90726 Datasheet
441Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL90727 RENESAS-ISL90727 Datasheet
436Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com