Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59605IRZ-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL59605IRZ-T7
Description  MegaQ™: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59605IRZ-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL59605IRZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL59605IRZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL59605IRZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL59605IRZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL59605IRZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL59605IRZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL59605IRZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL59605IRZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL59605IRZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ISL59601, ISL59602, ISL59603, ISL59604, ISL59605
3
FN6739.2
September 5, 2012
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
INPUTS
3
IN+
High impedance analog input. This is the positive differential video input. Input signals are externally AC-coupled with
an external 1.0µF capacitor. See Applications Information section for information regarding input network for Cat x
and coax cables.
5
IN-
High impedance analog input. This is the negative differential video input. Input signals are externally AC-coupled
with an external 1.0µF capacitor. See Applications Information section for information regarding input network for
Cat x and coax cables.
12
CFB
Analog input. Bypass to ground with a 1500pF capacitor and connect to VIDEO OUT via a 0.047µF capacitor in series
with a 300
Ω resistor.
OUTPUTS
13
VIDEO OUT
Single-ended video output. The internal AGC sets this level to 2VP-P for a nominal 1VP-P (pre-cable) video source.
DIGITAL I/O
7
EQ_DISABLE Digital Input. Equalizer Disable.
0: Normal Operation
1: Disables the equalizer to allow for insertion of upstream data onto the signal path, e.g. RS-485.
This pin must be asserted high or low. Do not float this pin.
8
COLOR
Digital I/O. Color Indicator/Override.
0: Monochrome
1: Color
When used as an output, this pin indicates whether the incoming signal does or does not have a colorburst. When
used as an input, this pin forces the state machine to into monochrome or color mode. See Figure 49 and associated
text for more information on functionality.
When COLOR is not externally driven, it is an output pin with a 13k (typical) output impedance. It is capable of driving
5V, high-impedance CMOS logic.
Note: The COLOR indicator may be invalid for monochrome signals over greater than ~4800 feet. The device will still
equalize properly if this occurs.
9
INVERT
Digital I/O. Polarity Indicator/Override.
0: Nominal Polarity.
1: Inverted Polarity.
When used as an output, this pin indicates the polarity of the incoming signal. When used as an input, this pin
controls whether or not the input signal is inverted in the signal chain. See Figure 48 and associated text for more
information on functionality.
When INVERT is not externally driven, it is an output pin with a 13k (typical) output impedance. It is capable of driving
5V, high-impedance CMOS logic.
In stand-alone mode, toggling this pin high-low-high or low-high-low will make the equalizer reacquire the signal.
10
LOCKED
Digital Output.
0: Signal is not equalized (or not present).
1: Signal is equalized and settled.
Note: The LOCKED indicator may be invalid for monochrome signals over greater than ~4800 feet. The device will
still equalize properly if this occurs.
16
FREEZE
Digital Input. Freezes equalizer in its current EQ state.
0: Continuous Update
1: Freeze EQ in current state.
For stand-alone operations, connect FREEZE to the LOCKED pin to enter the recommended Lock Until Reset mode.
Tie this pin low if unused.
SERIAL INTERFACE
18
SEN
Digital Input. Serial Interface Enable. This pin should be tied to ground when not in use.
19
SCK
Digital Input. Serial Interface Clock Signal. This pin should be tied to ground when not in use.
20
SD
Digital I/O. Serial Interface Data Signal. This pin should be tied to ground when not in use.
POWER
2VDD1
+5V power supply for analog equalizer. Isolate from +5V source with a ferrite bead and bypass to ground with a 0.1µF
capacitor in parallel with a 4.7µF capacitor.


Similar Part No. - ISL59605IRZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59605IRZ-T7 INTERSIL-ISL59605IRZ-T7 Datasheet
4Mb / 27P
   MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Renesas Technology Corp
ISL59605IRZ-T7 RENESAS-ISL59605IRZ-T7 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Intersil Corporation
ISL59605IRZ-T7A INTERSIL-ISL59605IRZ-T7A Datasheet
4Mb / 27P
   MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Renesas Technology Corp
ISL59605IRZ-T7A RENESAS-ISL59605IRZ-T7A Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
More results

Similar Description - ISL59605IRZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59601 INTERSIL-ISL59601 Datasheet
4Mb / 27P
   MegaQ: An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Renesas Technology Corp
ISL59601 RENESAS-ISL59601 Datasheet
3Mb / 28P
   MegaQ?? An Automatic Composite Video Equalizer, Fully-Adaptive to 1 Mile (1600m)
logo
Intersil Corporation
ISL59960IRZ INTERSIL-ISL59960IRZ Datasheet
757Kb / 17P
   960MegaQ™: An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
December 18, 2012
logo
Renesas Technology Corp
ISL59960 RENESAS-ISL59960 Datasheet
1,023Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Intersil Corporation
ISL59960 INTERSIL-ISL59960 Datasheet
759Kb / 17P
   960MegaQ?? An Automatic 960H and Composite Video Equalizer, Fully-Adaptive to 4000 Feet
logo
Cypress Semiconductor
CYV270M0104EQ CYPRESS-CYV270M0104EQ Datasheet
244Kb / 9P
   Adaptive Video Cable Equalizer
CYV270M0101EQ_0710 CYPRESS-CYV270M0101EQ_0710 Datasheet
244Kb / 10P
   Adaptive Video Cable Equalizer
CYV270M0101EQ CYPRESS-CYV270M0101EQ Datasheet
331Kb / 10P
   Adaptive Video Cable Equalizer (SOIC)
logo
Maxim Integrated Produc...
MAX7474 MAXIM-MAX7474 Datasheet
291Kb / 10P
   Adaptive Equalizer for Video Over Twisted Pair
Rev 0; 1/08
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com