Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-9110V-1TG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-9110V-1TG
Description  3 Gb/s Medium Power Single Optical SM Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9110V-1TG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-9110V-1TG_15 Datasheet HTML 1Page - Optoway Technology Inc SPS-9110V-1TG_15 Datasheet HTML 2Page - Optoway Technology Inc SPS-9110V-1TG_15 Datasheet HTML 3Page - Optoway Technology Inc SPS-9110V-1TG_15 Datasheet HTML 4Page - Optoway Technology Inc SPS-9110V-1TG_15 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-9110V-1TG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2008 V1.0
1
SPS-9110V-1TG
(RoHS Compliant)
1310 nm / 3 Gb/s Medium Power Single Optical SM Transmitter
**********************************************************************************************************************************************************************
FEATURES
l SMPTE 297-2006 Compatible
l Speed from 50 Mbps to 3Gbps with up to 30 km
Single-mode Fiber
l Distance up to 10 km for 3G-SDI
l Support Video Pathological Patterns for SD-SDI,
HD-SDI and 3G-SDI
l Single Transmitter with Simplex LC
l Based on Industry Standard SFP
l TTL Laser Disable Input
l Single +3.3 V Power Supply
l RoHS-6 Compliant
l 0 to 70oC Operation
l Hot Pluggable
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l SMPTE 297-2006 Compliant Electrical-to-Optical
Interfaces
l High-density Video Routers
DESCRIPTION
The SPS-9110V-1TG is a single channel optical single
mode transmitter module designed to transmit optical serial
digital signals as defined in SMPTE 297-2006. It supports
from 50 Mbps to 3 Gbps and is specifically designed for
transmitted the SMPTE 259M, SMPTE 344M, SMPTE
292M and SMPTE 424M SDI pathological patterns. It is
with the SFP 20-pin connector to allow hot plug capability.
It is with 1310 nm laser transmitters. The transmitter can
transmit signal from 50 Mbps to 3 Gbps with up to 30 km of
single-mode fiber when using the SPS-9110V-1RG/2RG as
the receiver. A maximum distance of 10 km is achievable
with 3Gbps pathological signals.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11. The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
TX
RX
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Power
(dBm)
λ
(nm)
Sen.
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPS-9110V-1TG
1-TX
50 to 3000
1310
0 to -5
LC SFP
0 to 70
Yes
RELATED PRODUCTS
TX
RX
P/No.
Type
Bit Rate
(Mb/s)
λ
(nm)
Power
(dBm)
λ
(nm)
Sen.
(dBm)
Package
Temp
(
oC)
RoHS
Compliant
SPS-9110V-1RG
1-RX
50 to 3000
1260/1620
0 to -20
LC SFP
0 to 70
Yes
SPS-9110V-2TG
2-TX
50 to 3000
1310
0 to -5
LC SFP
0 to 70
Yes
SPS-9110V-2RG
2-RX
50 to 3000
1260/1620
0 to -20
LC SFPI
0 to 70
Yes
SPS-9110V-1T1RG
1-TX+1-RX 50 to 3000
1310
0 to -5
1260/1620
0 to -20
LC SFP
0 to 70
Yes
LINK DISTANCE
Transmitter
Receiver
SDI
Bit Rate
Max. Link Distance (km)
3G-SDI
2.97Gbps
10
HD-SDI
1.485Gbps
21
SPS-9110V-2TG or
SPS-9110V-1TG or
SPS-9110V-1T1RG
SPS-9110V-2RG or
SPS-9110V-1RG or
SPS-9110V-1T1RG
SD-SDI
270Mbps
30


Similar Part No. - SPS-9110V-1TG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9110V-1TG_2015 OPTOWAY-SPS-9110V-1TG_2015 Datasheet
141Kb / 5P
   3 Gb/s Medium Power Single Optical SM Transmitter
More results

Similar Description - SPS-9110V-1TG_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-93120V-1TG_2015 OPTOWAY-SPS-93120V-1TG_2015 Datasheet
141Kb / 5P
   3 Gb/s Medium Power Single Optical SM Transmitter
SPS-9130V-1TG_2015 OPTOWAY-SPS-9130V-1TG_2015 Datasheet
141Kb / 5P
   3 Gb/s Medium Power Single Optical SM Transmitter
SPS-9110V-1TG_2015 OPTOWAY-SPS-9110V-1TG_2015 Datasheet
141Kb / 5P
   3 Gb/s Medium Power Single Optical SM Transmitter
SPS-9350V-1TG_2015 OPTOWAY-SPS-9350V-1TG_2015 Datasheet
141Kb / 5P
   3 Gb/s Medium Power Single Optical SM Transmitter
SPS-9130V-1TG OPTOWAY-SPS-9130V-1TG_15 Datasheet
141Kb / 5P
   3 Gb/s Medium Power Single Optical SM Transmitter
SPS-9350V-1TG OPTOWAY-SPS-9350V-1TG_15 Datasheet
141Kb / 5P
   3 Gb/s Medium Power Single Optical SM Transmitter
SPS-9380V-1TG_2015 OPTOWAY-SPS-9380V-1TG_2015 Datasheet
141Kb / 5P
   3 Gb/s Medium Power Single Optical SM Transmitter
SPS-9380V-1TG OPTOWAY-SPS-9380V-1TG_15 Datasheet
141Kb / 5P
   3 Gb/s Medium Power Single Optical SM Transmitter
SPS-93120V-1TG OPTOWAY-SPS-93120V-1TG_15 Datasheet
141Kb / 5P
   3 Gb/s Medium Power Single Optical SM Transmitter
SPS-9130V-1T1RG OPTOWAY-SPS-9130V-1T1RG_15 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Transmitter/Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com